Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX16646 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC74LCX16646
Descripción Electrónicos  LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX16646 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX16646 Datasheet HTML 1Page - Motorola, Inc MC74LCX16646 Datasheet HTML 2Page - Motorola, Inc MC74LCX16646 Datasheet HTML 3Page - Motorola, Inc MC74LCX16646 Datasheet HTML 4Page - Motorola, Inc MC74LCX16646 Datasheet HTML 5Page - Motorola, Inc MC74LCX16646 Datasheet HTML 6Page - Motorola, Inc MC74LCX16646 Datasheet HTML 7Page - Motorola, Inc MC74LCX16646 Datasheet HTML 8Page - Motorola, Inc MC74LCX16646 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0.2
© Motorola, Inc. 1996
11/96
Advance Information
Low-Voltage CMOS 16-Bit
Transceiver/Registered
Transceiver
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX16646 is a high performance, non–inverting 16–bit
transceiver/registered transceiver operating from a 2.7 to 3.6V supply.
The device is byte controlled. Each byte has separate control inputs
which can be tied together for full 16–bit operation. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX16646 inputs to
be safely driven from 5V devices. The MC74LCX16646 is suitable for
memory address driving and all TTL level bus oriented transceiver
applications.
Data on the A or B bus will be clocked into the registers as the
appropriate clock pin goes from a LOW–to–HIGH logic level. Output
Enable (OEn) and Direction Control (DIRn) pins are provided to control
the transceiver outputs. In the transceiver mode, data present at the high
impedance port may be stored in either the A or the B register or in both.
The select controls (SBAn, SABn) can multiplex stored and real–time
(transparent mode) data. The DIR determines which bus will receive data
when OE is active LOW. In the isolation mode (OE HIGH), A data may be
stored in the B register or B data may be stored in the A register. Only one
of the two buses, A or B, may be driven at one time.
Designed for 2.7 to 3.6V VCC Operation
5.2ns Maximum tpd
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (20µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
LOW–VOLTAGE CMOS
16–BIT TRANSCEIVER/
REGISTERED TRANSCEIVER
MC74LCX16646
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 1202–01
PIN NAMES
Function
Side A Inputs/Outputs
Side B Inputs/Outputs
Clock Pulse Inputs
Select Control Inputs
Output Enable Inputs
Pins
A0–A15
B0–B15
CABn, CBAn
SABn, SBAn
DIRn, OEn


Número de pieza similar - MC74LCX16646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX16652 MOTOROLA-MC74LCX16652 Datasheet
172Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX16652DT MOTOROLA-MC74LCX16652DT Datasheet
172Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
More results

Descripción similar - MC74LCX16646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX16652 MOTOROLA-MC74LCX16652 Datasheet
172Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
logo
ON Semiconductor
74LCX16543 ONSEMI-74LCX16543 Datasheet
199Kb / 11P
   Low Voltage 16-Bit Registered Transceiver
Revised April 2001
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com