Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24VN02-G Datasheet(PDF) 8 Page - Ramtron International Corporation

No. de pieza FM24VN02-G
Descripción Electrónicos  256Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24VN02-G Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM24VN02-G Datasheet HTML 4Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 5Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 6Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 7Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 8Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 9Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 10Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 11Page - Ramtron International Corporation FM24VN02-G Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 2.0
May 2010
Page 8 of 16
Sleep Mode
A low power mode called Sleep Mode is
implemented on both FM24V02 and FM24VN02
devices. The device will enter this low power state
when the Sleep command 86h is clocked-in. Sleep
Mode entry can be entered as follows:
1. The master sends a START command.
2. The master sends Reserved Slave ID 0xF8
3. The master sends the I2C-bus slave address of
the slave device it needs to identify. The last
bit is a ‘Don’t care’ value (R/W bit). Only one
device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command.
5. The master sends Reserved Slave ID 0x86
6. The FM24V02 sends an ACK.
7. The master sends STOP to ensure the device
enters sleep mode.
Once in sleep mode, the device draws IZZ current, but
the device continues to monitor the I2C pins. Once
the master sends a Slave Address that the FM24V02
identifies, it will “wakeup” and be ready for normal
operation within tREC (400
µs max.). As an alternative
method of determining when the device is ready, the
master can send read or write commands and look for
an ACK. While the device is waking up, it will
NACK the master until it is ready.
S
A P
By Master
By FM24V02
Start
Address
Stop
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (86)
X
Figure 12. Sleep Mode Entry


Número de pieza similar - FM24VN02-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24VN02-G RAMTRON-FM24VN02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24VN02-G CYPRESS-FM24VN02-G Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24VN02-GTR RAMTRON-FM24VN02-GTR Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24VN02-GTR CYPRESS-FM24VN02-GTR Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM24VN02-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com