Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25L04B-GTR Datasheet(PDF) 4 Page - Ramtron International Corporation

No. de pieza FM25L04B-GTR
Descripción Electrónicos  4Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L04B-GTR Datasheet(HTML) 4 Page - Ramtron International Corporation

  FM25L04B-GTR Datasheet HTML 1Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 2Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 3Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 4Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25L04B-GTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM25L04B - 4Kb 3V SPI F-RAM
Rev. 1.3
Feb. 2011
Page 4 of 14
SPI
Microcontroller
FM25L04B
SO
SI
SCK
CS
HOLD
FM25L04B
SO
SI SCK
CS
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 2. System Configuration with SPI port
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


Número de pieza similar - FM25L04B-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25L04B-GTR CYPRESS-FM25L04B-GTR Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM25L04B-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com