Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM28V020-TGTR Datasheet(PDF) 5 Page - Ramtron International Corporation

No. de pieza FM28V020-TGTR
Descripción Electrónicos  256Kbit Bytewide F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM28V020-TGTR Datasheet(HTML) 5 Page - Ramtron International Corporation

  FM28V020-TGTR Datasheet HTML 1Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 2Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 3Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 4Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 5Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 6Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 7Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 8Page - Ramtron International Corporation FM28V020-TGTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FM28V020 - 32Kx8 F-RAM
Rev. 2.1
June 2011
Page 5 of 14
chip enable must remain inactive for at least the
minimum precharge time tPC.
Precharge is also activated by changing the upper
addess A(14:3). The current row is first closed prior
to accessing the new row. The device automatically
detects an upper order address change which starts a
precharge operation, the new address is latched, and
the new read data is valid within the tAA address
access time. Refer to the Read Cycle Timing 1
diagram on page 9. Likewise a similar sequence
occurs for write cycles. Refer to the Write Cycle
Timing 3 diagram on page 11.
The rate at which
random addresses can be issued is tRC and tWC,
respectively.
Endurance
The FM28V020 is capable of being accessed at least
10
14 times – reads or writes. An F-RAM memory
operates
with
a
read
and
restore
mechanism.
Therefore, an endurance cycle is applied on a row
basis. The F-RAM architecture is based on an array
of rows and columns. Rows are defined by A14-A3
and column addresses by A2-A0. The array is
organized as 4K rows of 8-bytes each. The entire row
is internally accessed once whether a single byte or
all eight bytes are read or written. Each byte in the
row is counted only once in an endurance calculation
if the addressing is contiguous in nature.
The user may choose to store CPU instructions and
run them from a certain address space. The table
below shows endurance calculations for 256-byte
repeating loop, which includes a starting address and
initial access, 7 page mode accesses, and a CE
precharge. The number of bus clocks needed to
complete an 8-byte read transaction is 1+7+1 or 9
clocks.
The
entire
loop
causes
each byte to
experience only one endurance cycle. F-RAM read
and write endurance is virtually unlimited.
Table 1. Time to Reach 100 Trillion Cycles for Repeating 256-byte Loop
Bus Freq
(MHz)
Bus Cycle
Time (ns)
256-byte
Transaction
Time (s)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to
Reach 10
14
Cycles
10
100
28.8
34,720
1.09 x 10
12
91.7
5
200
57.6
17,360
5.47 x 10
11
182.8


Número de pieza similar - FM28V020-TGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020-TGTR CYPRESS-FM28V020-TGTR Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
More results

Descripción similar - FM28V020-TGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com