Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM31T372 Datasheet(PDF) 11 Page - Ramtron International Corporation

No. de pieza FM31T372
Descripción Electrónicos  System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RAMTRON [Ramtron International Corporation]
Página de inicio  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31T372 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM31T372 Datasheet HTML 7Page - Ramtron International Corporation FM31T372 Datasheet HTML 8Page - Ramtron International Corporation FM31T372 Datasheet HTML 9Page - Ramtron International Corporation FM31T372 Datasheet HTML 10Page - Ramtron International Corporation FM31T372 Datasheet HTML 11Page - Ramtron International Corporation FM31T372 Datasheet HTML 12Page - Ramtron International Corporation FM31T372 Datasheet HTML 13Page - Ramtron International Corporation FM31T372 Datasheet HTML 14Page - Ramtron International Corporation FM31T372 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FM31T372/374/376/378-G
Rev. 1.1
Apr. 2011
Page 11 of 26
Register Map
The TCXO and processor companion functions are accessed via 25 special function registers mapped to a separate
2-wire device ID. The interface protocol is described below. The registers contain timekeeping data, control bits, or
information flags. A description of each register follows the summary table below.
Register Map Summary Table
Nonvolatile =
Battery-backed =
Data
Address
D7
D6
D5
D4
D3
D2
D1
D0
Function
Range
Serial Number Byte 7
Serial Number 7
FFh
Serial Number Byte 6
Serial Number 6
FFh
Serial Number Byte 5
Serial Number 5
FFh
Serial Number Byte 4
Serial Number 4
FFh
Serial Number Byte 3
Serial Number 3
FFh
Serial Number Byte 2
Serial Number 2
FFh
Serial Number Byte 1
Serial Number 1
FFh
Serial Number Byte 0
Serial Number 0
FFh
10h
Counter 2 MSB
Event Counter 2 MSB
FFh
0Fh
Counter 2 LSB
Event Counter 2 LSB
FFh
0Eh
Counter 1 MSB
Event Counter 1 MSB
FFh
0Dh
Counter 1 LSB
Event Counter 1 LSB
FFh
0Ch
RC
CC
C2P
C1P
Event Count Control
0Bh
SNL
FOEN
FC
WP1
WP0
VBC
VTP1
VTP0
Companion Control
0Ah
WDE
-
-
WDT4
W DT3
WDT2
WDT1
WDT0
Watchdog Control
09h
W TR
POR
LB
-
WR3
WR2
WR1
WR0
Watchdog Restart/Flags
08h
10 years
years
Years
00-99
07h
0
0
0
10 mo
months
Month
1-12
06h
0
0
10 date
date
Date
1-31
05h
0
0
0
0
0
day
Day
1-7
04h
0
0
10 hours
hours
Hours
0-23
03h
0
10 minutes
minutes
Minutes
0-59
02h
0
10 seconds
seconds
Seconds
0-59
01h
/OSCEN
CALS
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSC/CAL Control
00h
reserved
CF
reserved
reserved
reserved
CAL
W
R
RTC Control
18h
17h
11h
16h
15h
14h
13h
12h
Note: When the device is first powered up and programmed, all registers must be written because the
battery-backed register values cannot be guaranteed.
The table below shows the default values of the non-volatile
registers.
All other register values should be treated as unknown.
Default Register Values
Address
Hex Value
18h
0x00
17h
0x00
16h
0x00
15h
0x00
14h
0x00
13h
0x00
12h
0x00
11h
0x00
0Bh
0x40
0Ah
0x1F
01h
Factory
programmed


Número de pieza similar - FM31T372

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM31T378 RAMTRON-FM31T378 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

Descripción similar - FM31T372

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO)
5925A NDK-5925A Datasheet
78Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
   Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
NIHON DEMPA KOGYO
5921A NDK-5921A Datasheet
91Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
   Temperature Compensated Crystal Oscillator (TCXO)
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
   UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com