Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS40-02V-V-G Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza BAS40-02V-V-G
Descripción Electrónicos  Small Signal Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS40-02V-V-G Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS40-02V-V-G Datasheet HTML 1Page - Vishay Siliconix BAS40-02V-V-G Datasheet HTML 2Page - Vishay Siliconix BAS40-02V-V-G Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40-02V-V-G
Document Number 82391
Rev. 1.0, 14-Oct-10
Vishay Semiconductors
www.vishay.com
1
19344
22321
1
2
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diode
Features
• This diode features very low turn-on
voltage and fast switching
• This device is protected by a PN junction
guard ring against excessive voltage,
such as electrostatic discharges
• Space saving SOD-523 package
• Compliant to RoHS Directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOD-523
Weight: approx. 1.4 mg
Molding compound flammability rating:
UL 94 V-0
Terminals: high temperature soldering guaranteed:
260 °C/10 s at terminals
Packaging codes/options:
08/3K per 7" reel (8 mm tape), 15K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
Part
Ordering code
Type marking
Remarks
BAS40-02V-V-G
BAS40-02V-V-G-08
.W
Tape and reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
40
V
Forward continuous current
IF
120
mA
Surge forward current
IFSM
600
mA
Power dissipation
Ptot
150
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
680
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to +150
°C


Número de pieza similar - BAS40-02V-V-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BAS40-02V-V-G-08 VISHAY-BAS40-02V-V-G-08 Datasheet
77Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 15-May-12
BAS40-02V-V-G VISHAY-BAS40-02V-V-G_15 Datasheet
77Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 15-May-12
More results

Descripción similar - BAS40-02V-V-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com