Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLM10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza DLM10
Descripción Electrónicos  1.0A Ultrahigh-Speed Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DLM10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DLM10_07 Datasheet HTML 1Page - Sanyo Semicon Device DLM10_07 Datasheet HTML 2Page - Sanyo Semicon Device DLM10_07 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DLM10
No.2792-1/3
Applications
Switching regulators, high-frequency rectification.
Features
Fast reverse recovery time and small switching loss.
Reverse voltage : VRM=200 to 400V.
Average rectified current : IO=1.0A.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
DLM10C
DLM10E
Unit
Peak Reverse Voltage
VRM
200
400
V
Average Rectified Current
IO
50Hz, resistive load, no fin, Ta=57°C resistive load
1.0
A
(L=8mm, print land 10
✕10mm)
Surge Forward Current
IFSM
50Hz sine wave, 1cycle
30
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--40 to +150
°C
Electrical Characteristics [DLM10C] at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=1.0A
0.98
V
Reverse Current
IR
VRM=200V
10
µA
Reverse Recovery Time
trr
IFM=1A, --di/dt=50A/µs35
ns
Thermal Resistance (Junction-Ambient)
Rth(j-a)
No heat sink, DLM10 only
115
°C / W
SANYO Semiconductors
DATA SHEET
Ordering number : EN2792B
91907RL TI IM TC-00000895 / 53098 HA (KT)/92995 GI (KOTO)/5108 TA, TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
DLM10
Silicon Diffused Junction Type
1.0A Ultrahigh-Speed Rectifier


Número de pieza similar - DLM10_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
DLM10-60 POWERBOX-DLM10-60 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
logo
Dc Components
DLM103A DCCOM-DLM103A Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103B DCCOM-DLM103B Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103C DCCOM-DLM103C Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
logo
Sanyo Semicon Device
DLM10B SANYO-DLM10B Datasheet
64Kb / 2P
   1.0A Ultrahigh-Speed Rectifier?
More results

Descripción similar - DLM10_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
DLM10 SANYO-DLM10 Datasheet
64Kb / 2P
   1.0A Ultrahigh-Speed Rectifier?
DLE30 SANYO-DLE30 Datasheet
71Kb / 3P
   3.0A Ultrahigh-Speed Rectifier?
DLA11C SANYO-DLA11C Datasheet
50Kb / 2P
   1.1A Ultrahigh-Speed Rectifier
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com