Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L78M00T Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza L78M00T
Descripción Electrónicos  5 to 24V 0.5A 3-Pin Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L78M00T Datasheet(HTML) 6 Page - Sanyo Semicon Device

  L78M00T Datasheet HTML 1Page - Sanyo Semicon Device L78M00T Datasheet HTML 2Page - Sanyo Semicon Device L78M00T Datasheet HTML 3Page - Sanyo Semicon Device L78M00T Datasheet HTML 4Page - Sanyo Semicon Device L78M00T Datasheet HTML 5Page - Sanyo Semicon Device L78M00T Datasheet HTML 6Page - Sanyo Semicon Device L78M00T Datasheet HTML 7Page - Sanyo Semicon Device L78M00T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
L78M00T Series
No.2609-6/8
[L78M18T]
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
21 to 33
V
Output current
IOUT
5 to 500
mA
Operating Characteristics at Ta=25°C, VIN=27V, IOUT=350mA, See specified Test Circuit.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VOUT
Tj=25°C
17.3
18.0
18.7
V
Line regulation
ΔVO Iine
Tj=25°C, 21V≤VIN≤35V, IOUT=200mA
10.0
100
mV
Tj=25°C, 22V≤VIN≤35V, IOUT=200mA
5.0
50
mV
Load regulation
ΔVO Ioad
Tj=25°C, 5mA≤IOUT≤500mA
360
mV
Tj=25°C, 5mA≤IOUT≤200mA
180
mV
Output voltage
VOUT
21V≤VIN≤33V, 5mA≤IOUT≤350mA
17.1
18.9
V
Current dissipation
ICC
Tj=25°C
4.9
6.0
mA
Current dissipation variation (Line)
ΔICC Iine
21V≤VIN≤33V, IOUT=200mA
0.8
mA
Current dissipation variation (Load)
ΔICC Ioad
5mA≤IOUT≤350mA
0.5
mA
Output noise voltage
VNO
10Hz≤f≤100kHz
100
μV
Ripple rejection
Rrej
f=120Hz, 22V≤VIN≤33V, Tj=25°C, IOUT=100mA
53
dB
f=120Hz, 22V≤VIN≤33V, Tj=25°C, IOUT=300mA
53
70
dB
Minimum input-output voltage dropout
Vdrop
IOUT=350mA
2.0
V
Short current
IOS
Tj=25°C, VIN=35V, to GND
300
mA
Peak output current
IOP
Tj=25°C
0.7
A
[L78M20T]
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
23 to 35
V
Output current
IOUT
5 to 500
mA
Operating Characteristics at Ta=25°C, VIN=29V, IOUT=350mA, See specified Test Circuit.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VOUT
Tj=25°C
19.2
20.0
20.8
V
Line regulation
ΔVO Iine
Tj=25°C, 23V≤VIN≤35V, IOUT=200mA
10.0
100
mV
Tj=25°C, 24V≤VIN≤35V, IOUT=200mA
5.0
50
mV
Load regulation
ΔVO Ioad
Tj=25°C, 5mA≤IOUT≤500mA
400
mV
Tj=25°C, 5mA≤IOUT≤200mA
200
mV
Output voltage
VOUT
23V≤VIN≤35V, 5mA≤IOUT≤350mA
19.0
21.0
V
Current dissipation
ICC
Tj=25°C
4.9
6.0
mA
Current dissipation variation (Line)
ΔICC Iine
23V≤VIN≤35V, IOUT=200mA
0.8
mA
Current dissipation variation (Load)
ΔICC Ioad
5mA≤IOUT≤350mA
0.5
mA
Output noise voltage
VNO
10Hz≤f≤100kHz
110
μV
Ripple rejection
Rrej
f=120Hz, 24V≤VIN≤34V, Tj=25°C, IOUT=100mA
53
dB
f=120Hz, 24V≤VIN≤34V, Tj=25°C, IOUT=300mA
53
70
dB
Minimum input-output voltage dropout
Vdrop
IOUT=350mA
2.0
V
Short current
IOS
Tj=25°C, VIN=35V, to GND
300
mA
Peak output current
IOP
Tj=25°C
0.7
A


Número de pieza similar - L78M00T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
More results

Descripción similar - L78M00T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T_09 Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L780S00 SANYO-L780S00 Datasheet
261Kb / 9P
   5 to 24V 1A 5-Pin Voltage Regulators with Strobe Pin
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
Toshiba Semiconductor
TA78M05S TOSHIBA-TA78M05S Datasheet
679Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78M05SB TOSHIBA-TA78M05SB Datasheet
631Kb / 19P
   0.5A THREE TERMINAL PLSITIVE VOLTAGE REGULATORS
TA78M05F TOSHIBA-TA78M05F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
   3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com