Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4809M Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LA4809M
Descripción Electrónicos  Stereo Headphone Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4809M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4809M Datasheet HTML 1Page - Sanyo Semicon Device LA4809M Datasheet HTML 2Page - Sanyo Semicon Device LA4809M Datasheet HTML 3Page - Sanyo Semicon Device LA4809M Datasheet HTML 4Page - Sanyo Semicon Device LA4809M Datasheet HTML 5Page - Sanyo Semicon Device LA4809M Datasheet HTML 6Page - Sanyo Semicon Device LA4809M Datasheet HTML 7Page - Sanyo Semicon Device LA4809M Datasheet HTML 8Page - Sanyo Semicon Device LA4809M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LA4809M
Pin Functions
Pin Voltage (V)
Pin No.
Pin Name
mode-A
mode-B
Description
Equivalent Circuit
1
12
IN1
IN2
2.1
3.1
Amplifier input pin.
VREF
45k
Ω
VCC
1
12
VCC
OUT
2
RF
2.1
3.1
Reference voltage pin.
39
μA
26k
Ω
77k
Ω
54k
Ω
PLS-cnt
STBY-cnt
VCC
2
VCC
× 1
× 2
VREF
VREG
3
STBY
Applied
Applied
Standby control pin.
(to which the external voltage is applied)
35k
Ω
45k
Ω
VCC
3
VCC
4
9
OUT1
OUT2
2.1
3.1
Amplifier output pin.
10k
Ω
+
-
VCC
IN
VREF
VREG
4
9
VCC
5
8
11
NC
NC pin.
6
VCC
Applied
Applied
Power pin.
(to which the external voltage is applied)
7
GND
GND
GND
GND pin.
10
PLS
0.69
GND
Output power selection pin.
VCC
22
μA
10k
Ω
10
VCC
No.A1569-5/15


Número de pieza similar - LA4809M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
More results

Descripción similar - LA4809M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com