Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74LCX2952 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MC74LCX2952
Descripción Electrónicos  LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX2952 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX2952 Datasheet HTML 1Page - Motorola, Inc MC74LCX2952 Datasheet HTML 2Page - Motorola, Inc MC74LCX2952 Datasheet HTML 3Page - Motorola, Inc MC74LCX2952 Datasheet HTML 4Page - Motorola, Inc MC74LCX2952 Datasheet HTML 5Page - Motorola, Inc MC74LCX2952 Datasheet HTML 6Page - Motorola, Inc MC74LCX2952 Datasheet HTML 7Page - Motorola, Inc MC74LCX2952 Datasheet HTML 8Page - Motorola, Inc MC74LCX2952 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1997
3/97
Low-Voltage CMOS Octal
Registered Transceiver With
Dual Output and Clock
Enables
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX2952 is a high performance, non–inverting octal
registered transceiver operating from a 2.7 to 3.6V supply. High
impedance TTL compatible inputs significantly reduce current loading to
input drivers while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX2952 inputs to
be safely driven from 5V devices. The MC74LCX2952 is suitable for
memory address driving and all TTL level bus oriented transceiver
applications.
Two 8–bit back to back registers store data from either of two
bidirectional buses. Data applied to the inputs is entered and stored on
the rising edge of the Clock (CAB, CBA) provided that the Clock Enable
(CEAB, CEBA) is Low. The data is then presented at the 3–state output
buffers, but is only accessible when the Output Enable (OEAB, OEBA) is
Low. The operation of the MC74LCX2952 is symmetrical — A inputs to B
outputs occurs in the same manner as B inputs to A outputs.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Figure 1. 24–Lead Pinout (Top View)
23
24
22
21
20
19
18
2
1
3456
7
VCC
17
8
16
9
15
10
A7
A6
A5
A4
A3
A2
A1
A0 OEBA
B7
B6
B5
B4
B3
B2
B1
B0 OEAB CAB
14
11
13
12
CBA CEBA
CEAB GND
DW SUFFIX
24–LEAD PLASTIC SOIC WIDE PACKAGE
CASE 751E–04
DT SUFFIX
24–LEAD PLASTIC TSSOP PACKAGE
CASE 948H–01
SD SUFFIX
24–LEAD PLASTIC SSOP PACKAGE
CASE 940D–03
MC74LCX2952
LOW–VOLTAGE CMOS
OCTAL REGISTERED
TRANSCEIVER
PIN NAMES
Function
Side A Inputs/Outputs
Side B Inputs/Outputs
Clock Pulse Inputs
Clock Enable Inputs
Output Enable Inputs
Pins
A0–A7
B0–B7
CAB, CBA
CEAB, CEBA
OEAB, OEBA


Número de pieza similar - MC74LCX2952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245DT MOTOROLA-MC74LCX2245DT Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245DW MOTOROLA-MC74LCX2245DW Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245M MOTOROLA-MC74LCX2245M Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX2245SD MOTOROLA-MC74LCX2245SD Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results

Descripción similar - MC74LCX2952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX2245 MOTOROLA-MC74LCX2245 Datasheet
161Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LVQ245 MOTOROLA-MC74LVQ245 Datasheet
210Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com