Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA6595T Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LA6595T
Descripción Electrónicos  BTL Drive Single-Phase Full-Wave Fan Motor Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6595T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6595T Datasheet HTML 1Page - Sanyo Semicon Device LA6595T Datasheet HTML 2Page - Sanyo Semicon Device LA6595T Datasheet HTML 3Page - Sanyo Semicon Device LA6595T Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
40809 MS 20090323-S00009 No.A1433-1/4
LA6595T
Overview
The LA6595T is a single-phase bipolar fan motor driver that achieves quite operation, power savings, silent operation and
high efficiency that suppresses reactive current through BTL output linear drive. It provides lock protection and rotation
detection circuits on chip, and is optimal for applications that require high reliability and low noise, such as notebook
personal computers, power supplies in consumer electronic equipment, car audio, and CPU cooling systems.
Features
• BTL output single-phase full-wave linear drive (gain resistor : 1 to 360kΩ, 51dB)
• Supports low-voltage drive and features a wide usable voltage range (2.2 to 14.0V)
• Low saturation output (high side + low side saturation voltage : VOsat (total) = 1.2V (typical), IO = 200mA)
• Built-in lock protection and automatic return circuits
• Built-in RD (Rotation Detection) output
• Thermal protection circuit
• Small-sized, high thermal capacity package
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
15
V
Output current
IOUT max
0.5
A
Output voltage
VOUT max
15
V
RD output pin output withstand voltage
VRD max
15
V
RD output current
IRD max
10
mA
Allowable power dissipation
Pd max
Mounted on a specified board*
400
mW
Operating temperature
Topr
-30 to +90
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board : 114.3mm
× 76.1mm × 1.6mm, glass epoxy board.
Ordering number : ENA1433
Monolithic Linear IC
BTL Drive Single-Phase Full-Wave
Fan Motor Driver


Número de pieza similar - LA6595T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LA6595T ONSEMI-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results

Descripción similar - LA6595T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com