Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA72730 Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LA72730
Descripción Electrónicos  Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72730 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA72730_10 Datasheet HTML 1Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 2Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 3Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 4Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 5Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 6Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 7Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA72730
Pin Functions
DC : voltage
Pin No.
Pin Name
Function
AC : level
Equivalent Circuit
1
2
3
4
5
6
23
24
PIA_L1
PIA_L2
PIA_L3
PIA_R1
PIA_R2
PIA_R3
PIA_RTV
PIA_LTV
Audio input
DC : 2.4V
50k
Ω
50k
Ω
7
9
11
21
PIV_1
PIV_2
PIV_3
PIV_TV
Video input
DC : 1.6V
500
Ω
8
VCC
10
GND
12
16
POMONITR
POMONITL
Monitor output
DC : 2.4V
200
Ω
13
PISCL
Serial clock input
1k
Ω
14
PISDA
Serial data input
1k
Ω
17
POALCFIL
ALC detect filter
2k
Ω
150
Ω
Continued on next page
No.A1059-6/8


Número de pieza similar - LA72730_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results

Descripción similar - LA72730_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
   Audio/Video Switch
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
   AUDIO/VIDEO SWITCH MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
logo
Sanyo Semicon Device
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
logo
Sony Corporation
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com