Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA74310LP Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LA74310LP
Descripción Electrónicos  Audio Interface for DSC Video Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA74310LP Datasheet HTML 1Page - Sanyo Semicon Device LA74310LP Datasheet HTML 2Page - Sanyo Semicon Device LA74310LP Datasheet HTML 3Page - Sanyo Semicon Device LA74310LP Datasheet HTML 4Page - Sanyo Semicon Device LA74310LP Datasheet HTML 5Page - Sanyo Semicon Device LA74310LP Datasheet HTML 6Page - Sanyo Semicon Device LA74310LP Datasheet HTML 7Page - Sanyo Semicon Device LA74310LP Datasheet HTML 8Page - Sanyo Semicon Device LA74310LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LA74310LP
No.A0904-3/22
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
LINE output system
LINE reference output LEVEL
VOL
PB IN, VIN=-15dBV
-12
-11
-10
dBV
LINE reference output distortion rate
HDL
PB IN, VIN=-15dBV, THD: from 2nd to 5th harmonic
0.1
0.2
%
LINE reference output noise voltage
VNOL
PB IN, no input, JIS-A Filter
-85
-77
dBV
PB IN max input LEVEL
VINPMX
PB IN LEVEL at which LINE output THD
(from 2nd to 5th harmonic) becomes 3% or less.
-5
dBV
LINE output frequency characteristics 1
FEQP1
PB IN, VIN=-8dBV, comparison of f=4kHz/1kHz
-5
-3.5
-2
dB
LINE output frequency characteristics 2
FEQP2
PB IN, VIN=-8dBV, comparison of f=22kHz/1kHz
-33
-25
dB
LINE output frequency characteristics 3
FEQP3
PB IN, VIN=-8dBV,
comparison of f=100kHz/1kHz
-65
-60
dB
LINE output level (
ΔΣ mode)
VIDVOL
PB IN, PWM signals, digital input MODE
(see supplements: p.8 Note26)
-13
-11.5
-10
dBV
SP output system (SP load = as measured at both ends of 8
Ω)
SP reference output LEVEL1 (Vol.MAX)
VOSP1
PB IN, VIN=-15dBV, Vol=MAX (Serial DATA=31)
-5
-2
1
dBV
SP reference output distortion
THDSP
PB IN, VIN=-15dBV, Vol=MAX,
THD: from 2nd to 5th harmonic
0.4
1
%
SP reference output LEVEL2 (Vol.TYP)
VOSP2
PB IN, VIN=-15dBV, Vol=TYP (Serial DATA=17)
-19
-13
-7
dBV
SP reference output LEVEL3 (Vol.MIN)
VOSP3
PB IN, VIN=-15dBV, Vol=MIN (Serial DATA=0),
JIS-A Filter
-80
-70
dBV
SP reference output noise voltage
VNOSP
PB IN, no input, Vol=MAX, JIS-A Filter
-76
-70
dBV
SP maximum ratings output
VOMSP
PB IN, Vol=MAX, LEVEL at which THD=10%
200
340
mW
MIC output system
MIC voltage gain
VGMIC
MIC IN, VIN=-39dBV
19
20
21
dB
MIC output distortion
HDMIC
MIC IN, VIN=-39dBV, THD: from 2nd to 5th harmonic
0.02
0.1
%
MIC output noise voltage
VNOMIC
MIC IN, no input, JIS-A Filter
-94
-83
dBV
MIC IN max input level
VINMMX
MIC IN LEVEL at which the MIC output THD
(from 2nd to 5th harmonic) becomes 3% or less.
-22
dBV
MIC VCC output voltage
VMIC
At 6.2k
Ω load
1.5
1.7
1.9
V
Control system
Serial CLOCK frequency
FCLK
1.25
1.5
MHz
Serial input LOW level
SERLO
0
0.7
V
Serial input HIGH level
SERHI
2.3
3.5
V


Número de pieza similar - LA74310LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
More results

Descripción similar - LA74310LP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA74308LP SANYO-LA74308LP_08 Datasheet
204Kb / 16P
   Audio Interface for DSC
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
logo
Rohm
BD7620KS2 ROHM-BD7620KS2 Datasheet
505Kb / 6P
   Video-Audio Interface for LCD TV
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com