Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB11872H Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LB11872H
Descripción Electrónicos  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11872H Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11872H Datasheet HTML 3Page - Sanyo Semicon Device LB11872H Datasheet HTML 4Page - Sanyo Semicon Device LB11872H Datasheet HTML 5Page - Sanyo Semicon Device LB11872H Datasheet HTML 6Page - Sanyo Semicon Device LB11872H Datasheet HTML 7Page - Sanyo Semicon Device LB11872H Datasheet HTML 8Page - Sanyo Semicon Device LB11872H Datasheet HTML 9Page - Sanyo Semicon Device LB11872H Datasheet HTML 10Page - Sanyo Semicon Device LB11872H Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LB11872H
No.7257-10/11
6. Rotor Constraint Protection Circuit
This IC provides a rotor constraint protection circuit to protect the IC itself and the motor when the motor is constrained
physically, i.e. prevented from turning. If the FG signal (edges of one type (rising or falling edges) on the IN1 signal)
does not switch within a fixed time, output drive will be turned off. The time constant is determined by the capacitor
connected to the CSD pin.
< time constant (in seconds) > ≈ 30.5 × 1.57 × CCSD (μF)
If a 0.02
μF capacitor is used, the protection time will be about 1.05 seconds.
To clear the rotor constraint protection state, the IC must be set to the stopped state or the power must be turned off and
reapplied. If there is noise present on the FG signal during the constraint time, the rotor constraint protection circuit
may not operate normally.
7. Phase Lock Signal
(1) Phase lock range
Since this IC does not include a counter or similar functionality in the speed control system, the speed error range in
the phase locked state cannot be determined solely by IC characteristics. (This is because the acceleration of the
changes in the FG frequency influences the range.) When it is necessary to stipulate this characteristic for the motor,
the designer must determine this by measuring the actual motor state. Since speed errors occur easily in states
where the FG acceleration is large, it is thought that the speed errors will be the largest during lock pull-in at startup
and when unlocked due to switching clock frequencies.
(2) Masking function for the phase lock state signal
A stable lock signal can be provided by masking the short-term low-level signals due to hunting during lock pull-in.
However, this results in the lock state signal output being delayed by the masking time.
The masking time is determined by the capacitor inserted between the CSD pin and ground.
< masking time (seconds) > ≈ 6.5 × 1.57 × CCSD (μF)
When a 0.022
μF capacitor is used, the masking time will be about 225ms. In cases where complete masking is required,
a masking time with fully adequate margin must be used.
8. Initial Reset
To initially reset the logic circuits in start mode, the IC goes to the reset state when the CSD pin voltage goes to zero
until it reaches 0.63V. Drive output starts after the reset state is cleared. The reset time can be calculated to a good
approximation using the following formula.
< reset time (seconds) > ≈ 0.13 × CCSD (μF)
A reset time of over 100
μs is required.
9. Current Limiter Circuit
The current limit value is determined by the resistor Rf inserted between the RF pin and ground.
ILIM = VL/Rf VL = 0.59V (typical) (during acceleration) and 0.37V (typical) (during deceleration)
10. Power Supply Stabilization
An adequately large capacitor must be inserted between the VCC pin and ground for power supply stabilization. If
diodes are inserted in the power supply lines to prevent destruction of the device if the power supply is connected with
reverse polarity, the power supply line levels will be even more easily disrupted, and even larger capacitors must be
used.
If high-frequency noise is a problem, a ceramic capacitor of about 0.1
μF must also be inserted in parallel.
11. VREG Stabilization
A capacitor of at least 0.1
μF must be used to stabilize the VREG voltage, which is the control circuit power supply.
The capacitor must be connected as close as possible to the pins.
12. Error Amplifier External Component Values
To prevent adverse influence from noise, the error amplifier external components must be located as close to the IC as
possible.


Número de pieza similar - LB11872H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11872H ONSEMI-LB11872H Datasheet
126Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Descripción similar - LB11872H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com