Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F7H32A Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LC87F7H32A
Descripción Electrónicos  32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7H32A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F7H32A Datasheet HTML 7Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 8Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 9Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 10Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 11Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 12Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 13Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 14Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LC87F7H32A
No.A1842-11/28
Continued from preceding page.
Pin name
I/O
Function description
Option
S00/LPA0 to
S07/LPA7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (LPA)
No
S08/LPB0 to
S15/LPB7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (LPB)
No
S16/LPC0 to
S23/LPC7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (LPC)
No
COM0/LPL0 to
COM3/LPL3
I/O
• Common output for LCD
• Can be used as general purpose input/output port (LPL)
No
V1, V2, V3
I/O
• LCD output bias power supply
No
RES
I
• Reset terminal
No
XT1
I/O
• Input for 32.768kHz crystal oscillation
• When not in use, connect to VDD1
No
XT2
I/O
• Output for 32.768kHz crystal oscillation
• When not in use, set to oscillation mode and leave open
No
CF1
I
• Input terminal for ceramic oscillator
• When not in use, connect to VDD1
No
CF2
O
• Output terminal for ceramic oscillator
• When not in use, leave open
No
Port Configuration
Port form and pull-up resistor options are shown in the following table.
Port status can be read even when port is set to output mode.
Terminal
Option applies to:
Options
Output Form
Pull-up resistor
1
CMOS
Programmable
P00 to P07
each bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
P10 to P17
each bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
P30
-
2
Nch-open drain
Programmable
P70
-
None
Nch-open drain
Programmable
P71 to P73
-
None
CMOS
Programmable
CMOS
P-ch Open Drain
S00(LPA0) to
S23(LPC7)
-
None
N-ch Open Drain
None
CMOS
P-ch Open Drain
COM0(LPL0) to
COM3(LPL3)
-
None
N-ch Open Drain
None
XT1
-
None
Input only
None
32.768kHz crystal oscillator output
XT2
-
None
Nch-open drain when selected as normal port
None


Número de pieza similar - LC87F7H32A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC87F74C8A SANYO-LC87F74C8A Datasheet
575Kb / 21P
   8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Descripción similar - LC87F7H32A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com