Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F0808A Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LC87F0808A
Descripción Electrónicos  8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F0808A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F0808A Datasheet HTML 6Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 7Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 8Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 9Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 10Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 11Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 12Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 13Page - Sanyo Semicon Device LC87F0808A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC87F0808A
No.A1828-10/25
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input/HOLD reset input/timer 0L capture input
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input/HOLD reset input/timer 0 event input / timer 0L capture input
P73: INT3 input (with noise filter)/ timer 0 event input/timer 0H capture input
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
P70 to P73
I/O
No
OWP0
I/O
On-chip debugger (exclusive pin)
No
RES
I/O
External reset input/internal reset output
No
CF1/XT1
I
• Ceramic resonator or 32.768kHz crystal oscillator input pin
• Pin function
General-purpose input port
No
CF2/XT2
I/O
• Ceramic resonator or 32.768kHz crystal oscillator output pin
• Pin function
General-purpose input port
No
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option selected in
units of
Option type
Output type
Pull-up resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
Nch-open drain
No
1
CMOS
Programmable
P10 to P17
1 bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
P20 to P21
1 bit
2
Nch-open drain
Programmable
1
CMOS
Programmable
P30 to P35
1 bit
2
Nch-open drain
Programmable
P70 to P73
-
No
CMOS
Programmable
Note 1: The control of the presence or absence of the programmable pull-up resistors for port 0 and the switching
between low-and high-impedance pull-up connection is exercised in nibble (4-bit) units (P00 to 03 or
P04 to 07).


Número de pieza similar - LC87F0808A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Descripción similar - LC87F0808A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com