Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC88F40H0PAU Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC88F40H0PAU
Descripción Electrónicos  For Car Audio Systems 16-bit ETR Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F40H0PAU Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC88F40H0PAU Datasheet HTML 2Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 3Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 4Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 5Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 6Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 7Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 8Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 9Page - Sanyo Semicon Device LC88F40H0PAU Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LC88F40H0PA/H0PAU/F0PA/F0PAU/D0PA/D0PAU
No.A1853-6/32
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Both the XT oscillator and internal RC oscillator retain the state established when the standby mode is entered.
2) Both the XT and VCO clocks retain the state established when the standby mode is entered.
3) There are the two ways of releasing the HALT mode.
(1) Generating a reset condition
(2) Generating an interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) Both the XT oscillator and internal RC oscillator automatically stop operation.
2) XT clock and VCO clock oscillators automatically stop.
3) There are the six ways of releasing the HOLD mode.
(1) Generating a reset condition
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt request generated in UART2, UART3, UART4, or UART5
(6) Having an interrupt request generated in SIO0 or SIO1
• HOLDX mode: Suspends instruction execution and operation of all the peripheral circuits except the modules run
on the XT clock.
1) The internal RC oscillator automatically stops operation.
2) The XT clock retains the state established when the HOLDX mode is entered and the VCO clock automatically
stops.
3) There are nine ways of resetting the HOLDX mode.
(1) Generating a reset condition
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt request generated in UART2, UART3, UART4, or UART5
(6) Having an interrupt request generated in SIO0 or SIO1
(7) Having an interrupt source established in the timer 8 circuit
(8) Having an interrupt source established in the infrared remote controller receive circuit
(9) Having an interrupt source established in the clock timer circuit
Reset
• External reset
• Voltage drop detection type of reset circuit (VDET circuit) incorporated
1) Normal mode detection voltage: 2.85V
±0.15V
2) HOLD mode detection voltage: 1.42V
±0.15V
On-chip debugger function
• Supports software debugging with the IC mounted on the target board.
• Supports source line debugging and tracing functions, and breakpoint setting and real time monitor.
• Single-wire communication
Shipping Form
• QIP100E (Lead free product)


Número de pieza similar - LC88F40H0PAU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Descripción similar - LC88F40H0PAU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com