Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC872G08A Datasheet(PDF) 5 Page - Sanyo Semicon Device

No. de pieza LC872G08A
Descripción Electrónicos  8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G08A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC872G08A Datasheet HTML 1Page - Sanyo Semicon Device LC872G08A Datasheet HTML 2Page - Sanyo Semicon Device LC872G08A Datasheet HTML 3Page - Sanyo Semicon Device LC872G08A Datasheet HTML 4Page - Sanyo Semicon Device LC872G08A Datasheet HTML 5Page - Sanyo Semicon Device LC872G08A Datasheet HTML 6Page - Sanyo Semicon Device LC872G08A Datasheet HTML 7Page - Sanyo Semicon Device LC872G08A Datasheet HTML 8Page - Sanyo Semicon Device LC872G08A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LC872G08A/06A/04A
No.A1400-5/27
Package Form
• MFP24S (300mil): Lead-/Halogen-free type
• SSOP24 (225mil): Lead-/Halogen-free type
Development Tools
• On-chip-debugger: TCB87 TypeB + LC87D2G08A
: TCB87 TypeB + LC87F2G08A
: TCB87 TypeC (3 wire version) + LC87D2G08A
: TCB87 TypeC (3 wire version) + LC87F2G08A
Note: LC87F2G08A has an On-chip debugger but its function is limited.
Flash ROM Version
• LC87F2G08A
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
3112B
3287
SANYO : MFP24S(300mil)
1
12
13
24
12.5
0.15
1.0
0.35
(0.75)
SANYO : SSOP24(225mil)
6.5
0.5
(0.5)
24
13
1
12
0.22
0.15


Número de pieza similar - LC872G08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC872G08A SANYO-LC872G08A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Descripción similar - LC872G08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
   4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com