Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC872G06A Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC872G06A
Descripción Electrónicos  8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G06A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC872G06A Datasheet HTML 2Page - Sanyo Semicon Device LC872G06A Datasheet HTML 3Page - Sanyo Semicon Device LC872G06A Datasheet HTML 4Page - Sanyo Semicon Device LC872G06A Datasheet HTML 5Page - Sanyo Semicon Device LC872G06A Datasheet HTML 6Page - Sanyo Semicon Device LC872G06A Datasheet HTML 7Page - Sanyo Semicon Device LC872G06A Datasheet HTML 8Page - Sanyo Semicon Device LC872G06A Datasheet HTML 9Page - Sanyo Semicon Device LC872G06A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LC872G08A/06A/04A
No.A1400-6/27
Pin Assignment
SANYO: MFP24S (300mil) “Lead-/Halogen-free type”
SANYO: SSOP24 (225mil) “Lead-/Halogen-free type”
MFP24S
SSOP24
NAME
MFP24S
SSOP24
NAME
1
P70/INT0/T0LCP/AN8
13
P16/T1PWML/INT2/T0IN
2
RES
14
P17/T1PWMH/BUZ/INT1/T0HCP
3
VSS1
15
P20/UTX/INT4/T1IN
4
CF1/XT1
16
P21/URX/INT4/T1IN
5
CF2/XT2
17
P00/AN0
6
VDD1
18
P01/AN1
7
P10/SO0
19
P02/AN2
8
P11/SI0/SB0
20
P03/AN3
9
P12/SCK0
21
P04/AN4
10
P13/SO1
22
P05/AN5/CKO
11
P14/SI1/SB1
23
P06/AN6/T6O
12
P15/SCK1/INT3/T0IN
24
P07/T7O
P70/INT0/T0LCP/AN8
RES
VSS1
CF1/XT1
CF2/XT2
VDD1
P10/SO0
P11/SI0/SB0
P12/SCK0
P13/SO1
P14/SI1/SB1
P15/SCK1/INT3/T0IN
LC872G08A
LC872G06A
LC872G04A
Top view
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P07/T7O
P06/AN6/T6O
P05/AN5/CKO
P04/AN4
P03/AN3
P02/AN2
P01/AN1
P00/AN0
P21/URX/INT4/T1IN
P20/UTX/INT4/T1IN
P17/T1PWMH/BUZ/INT1/T0HCP
P16/T1PWML/INT2/T0IN


Número de pieza similar - LC872G06A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC872G06A SANYO-LC872G06A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Descripción similar - LC872G06A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
   4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com