Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC872G04A Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LC872G04A
Descripción Electrónicos  8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G04A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC872G04A Datasheet HTML 4Page - Sanyo Semicon Device LC872G04A Datasheet HTML 5Page - Sanyo Semicon Device LC872G04A Datasheet HTML 6Page - Sanyo Semicon Device LC872G04A Datasheet HTML 7Page - Sanyo Semicon Device LC872G04A Datasheet HTML 8Page - Sanyo Semicon Device LC872G04A Datasheet HTML 9Page - Sanyo Semicon Device LC872G04A Datasheet HTML 10Page - Sanyo Semicon Device LC872G04A Datasheet HTML 11Page - Sanyo Semicon Device LC872G04A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LC872G08A/06A/04A
No.A1400-8/27
Pin Description
Pin Name
I/O
Description
Option
VSS1
-
- Power supply pin
No
VDD1
-
+ Power supply pin
No
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• HOLD reset input
• Port 0 interrupt input
• Pin functions
P05: System clock output
P06: Timer 6 toggle output
P07: Timer 7 toggle output
P00(AN0) to P06(AN6): AD converter input
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10: SIO0 data output
P11: SIO0 data input/bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output
P14: SIO1 data input / bus I/O
P15: SIO1 clock I/O / INT3 input (with noise filter) / timer 0 event input / timer 0H capture input
P16: Timer 1PWML output / INT2 input/HOLD reset input/timer 0 event input / timer 0L capture
input
P17: Timer 1PWMH output / beeper output / INT1 input / HOLD reset input / timer 0H capture
input
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT1
INT2
INT3
enable
enable
enable
enable
enable
enable
disable
enable
enable
enable
disable
disable
enable
disable
disable
Yes
Port 2
• 2-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20: UART transmit
P21: UART receive
P20 to P21: INT4 input / HOLD reset input / timer 1 event input / timer 0L capture input / timer
0H capture input
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H level
L level
INT4
enable
enable
enable
disable
disable
P20 to P21
I/O
Yes
Continued on next page.


Número de pieza similar - LC872G04A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Descripción similar - LC872G04A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
   4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com