Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC876D08A Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de pieza LC876D08A
Descripción Electrónicos  ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876D08A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC876D08A Datasheet HTML 6Page - Sanyo Semicon Device LC876D08A Datasheet HTML 7Page - Sanyo Semicon Device LC876D08A Datasheet HTML 8Page - Sanyo Semicon Device LC876D08A Datasheet HTML 9Page - Sanyo Semicon Device LC876D08A Datasheet HTML 10Page - Sanyo Semicon Device LC876D08A Datasheet HTML 11Page - Sanyo Semicon Device LC876D08A Datasheet HTML 12Page - Sanyo Semicon Device LC876D08A Datasheet HTML 13Page - Sanyo Semicon Device LC876D08A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LC876D16A/08A
No.A1122-10/19
Allowable Operating Conditions at Ta = -40°C to +85°C, VSS1 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
VDD(1)
0.300
μs≤tCYC≤200μs
3.0
5.5
Operating
supply voltage
range
VDD(2)
VDD1=VDD2=VDD3
0.735
μs≤tCYC≤200μs
2.5
5.5
Hold voltage
VHD
VDD1
RAM and the register data are
kept in HOLD mode.
2.0
5.5
Pull-down
supply voltage
VP
VP
-35
VDD
VIH(1)
Ports 0, 1
Output disable
2.5 to 5.5
0.3VDD
+0.7
VDD
VIH(2)
Port 70
Watchdog timer
Output disable
2.5 to 5.5
0.9VDD
VDD
Input high
voltage
VIH(3)
XT1/CF1, RES
2.5 to 5.5
0.75VDD
VDD
VIL(1)
Ports 0, 1
Port 71
Port 70
port input/interrupt
Output disable
2.5 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
Port 70
Watchdog timer
Output disable
2.5 to 5.5
VSS
0.8VDD
-1.0
Input low
voltage
VIL(3)
XT1/CF1, RES
2.5 to 5.5
VSS
0.25VDD
V
3.0 to 5.5
0.300
200
Operation
cycle time
tCYC
2.5 to 5.5
0.735
200
μs
3.0 to 5.5
0.1
10
• CF2 open circuit
• system clock divider set to 1/1
• external clock DUTY=50±5%
2.5 to 5.5
0.1
4
3.0 to 5.5
0.2
20
External
system clock
frequency
FEXCF(1)
CF1
• CF2 open circuit
• system clock divider set to 1/2
• external clock DUTY=50±5%
2.5 to 5.5
0.2
8
MHz
FmCF(1)
CF1, CF2
• 10MHz ceramic resonator
oscillation
• Refer to figure 1
3.0 to 5.5
10
FmCF(2)
CF1, CF2
• 4MHz ceramic resonator
oscillation
• Refer to figure 1
2.5 to 5.5
4
FmRC
RC oscillation
2.5 to 5.5
0.3
1.0
2.0
FmVMRC
Frequency variable RC oscillation
circuit
2.5 to 5.5
4
MHz
Oscillation
stabilizing
time period
(Note 2-1)
(Note 2-2)
FsX’tal
XT1, XT2
32.768kHz crystal resonator
oscillation
Refer to figure 2
2.5 to 5.5
32.768
kHz
Note 2-1: The oscillation constant is shown in table 1 and table 2.
Note 2-2: The CF oscillation terminal and the crystal oscillation terminal cannot be used at the same time
because of commonness.


Número de pieza similar - LC876D08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Descripción similar - LC876D08A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com