Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LV8860V Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LV8860V
Descripción Electrónicos  Fan Motor Driver Single-Phase Full-Wave Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8860V Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV8860V Datasheet HTML 2Page - Sanyo Semicon Device LV8860V Datasheet HTML 3Page - Sanyo Semicon Device LV8860V Datasheet HTML 4Page - Sanyo Semicon Device LV8860V Datasheet HTML 5Page - Sanyo Semicon Device LV8860V Datasheet HTML 6Page - Sanyo Semicon Device LV8860V Datasheet HTML 7Page - Sanyo Semicon Device LV8860V Datasheet HTML 8Page - Sanyo Semicon Device LV8860V Datasheet HTML 9Page - Sanyo Semicon Device LV8860V Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LV8860V
No.A1818-6/11
Continued from preceding page.
NO.
Pin name
Function
Equivalent circuit
12
RGL
Regulator voltage output pin for internal circuit and
lower output Tr driver
13
SSW
Voltage input pin for control between soft switches
* OPEN: pin voltage is 2V
* Soft switch zone is changed by connecting a
resistance to RGL or GND to adjust pin voltage.
14
GND
Ground pin
15
RF
Resistive connection pin for current limiter
Sample Application Circuit
*1
When diode Di is used to prevent destruction of IC from reverse connection, make sure to implement capacitor Cr to secure
regenerative current route.
*2
If kickback at a phase change is greater, insert zener diode between GND and VCC or implement the larger capacitor between
GND and VCC mentioned in *1
*3
Make sure to implement enough capacitance 0.1
μF or greater between RGH pin and VCC pin for stable performance.
*4
Make sure to implement enough capacitance 0.1
μF or greater between RGL pin and GND pin for stable performance.
*5
FG pin and RD pin are open drain output. Keep the pins open when unused.
*6
The current limiter is activated when the current detection resistor voltage exceeds 225mV between RF and GND.
Where Rf=0.5
Ω, current limiter is activated at IO=450mA. Setting is made using Rf resistance.
*7
Hall element outputs stable hall signal with good temperature characteristic when it is biased with constant voltage from HB pin. If
you wish to alleviate heating of IC, do not use HB pin. When you do not use this Pin (Pin HB), pull down with resistor of around
10kΩ (recommended).
12
13
15
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
OUT1
(NC)
VCC
RGH
PWM
FG
RD
(NC)
OUT2
RF
GND
SSW
RGL
IN2
HB
IN1
*4
*6
Rf
*7
()
RHB
H
*1
*2
*3
()
*5
*5
PWM


Número de pieza similar - LV8860V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LV8860V ONSEMI-LV8860V Datasheet
205Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
More results

Descripción similar - LV8860V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LV8162TT SANYO-LV8162TT Datasheet
227Kb / 7P
   Fan Motor Driver Single-Phase Full-Wave Driver
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com