Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH4014 Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza MCH4014
Descripción Electrónicos  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device MCH4014 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MCH4014
No. A1921-7/10
S Parameters (Common emitter)
VCE=5V, IC=20mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.590
-34.1
20.159
157.3
0.004
89.1
0.951
-8.1
200
0.566
-57.8
18.680
141.3
0.009
75.1
0.911
-15.4
300
0.542
268.4
15.660
125.2
0.013
73.1
0.862
-20.7
400
0.543
251.1
13.055
114.8
0.015
73.2
0.822
-25.1
500
0.552
231.6
11.336
103.8
0.018
73.1
0.775
-30.0
600
0.558
222.5
9.699
97.8
0.021
73.8
0.747
-32.8
700
0.563
213.8
8.425
91.9
0.023
74.6
0.723
-36.1
800
0.564
207.7
7.401
87.6
0.026
75.0
0.701
-39.1
900
0.566
202.4
6.573
83.6
0.029
76.5
0.687
-41.7
1000
0.563
198.0
5.899
80.3
0.031
77.5
0.670
-44.2
1200
0.560
190.5
4.872
74.2
0.037
79.7
0.655
-48.7
1400
0.557
184.4
4.165
69.1
0.043
81.5
0.651
-52.4
1600
0.553
178.9
3.633
64.4
0.049
82.9
0.654
-55.8
1800
0.550
173.7
3.225
59.9
0.056
83.8
0.656
-58.9
2000
0.548
168.5
2.897
55.7
0.064
84.4
0.661
-62.0
2200
0.544
163.2
2.631
51.7
0.072
84.5
0.672
-65.0
2400
0.543
158.6
2.407
47.5
0.080
84.4
0.684
-68.7
2600
0.541
153.5
2.206
43.7
0.089
84.1
0.687
-71.5
2800
0.541
149.0
2.056
40.2
0.098
83.6
0.702
-73.6
3000
0.543
144.8
1.925
35.7
0.109
82.0
0.727
-77.4
VCE=8V, IC=5mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.895
-10.3
9.140
168.5
0.005
104.3
0.993
-5.4
200
0.899
-15.8
8.948
157.7
0.011
95.9
0.997
-11.4
300
0.861
-28.2
8.761
151.1
0.017
91.9
0.985
-17.1
400
0.863
-33.7
8.569
144.9
0.024
86.3
0.974
-23.2
500
0.814
-49.9
8.378
135.6
0.032
80.2
0.940
-30.3
600
0.799
-58.0
7.994
129.6
0.038
76.0
0.910
-35.0
700
0.769
-69.6
7.683
122.3
0.043
71.1
0.873
-40.5
800
0.730
-79.5
7.405
115.4
0.047
67.1
0.835
-45.0
900
0.706
-86.9
7.086
110.2
0.051
63.9
0.803
-49.2
1000
0.661
263.1
6.712
103.9
0.054
61.8
0.766
-52.4
1200
0.601
248.3
6.025
94.4
0.058
58.6
0.716
-58.1
1400
0.561
237.4
5.346
87.4
0.061
57.2
0.683
-62.1
1600
0.528
228.3
4.790
81.3
0.064
57.0
0.663
-65.1
1800
0.500
220.4
4.303
76.1
0.068
57.5
0.648
-68.2
2000
0.477
213.1
3.913
71.1
0.071
58.5
0.638
-70.1
2200
0.456
205.8
3.602
66.5
0.075
59.9
0.636
-72.2
2400
0.440
199.0
3.332
61.9
0.080
60.9
0.640
-75.0
2600
0.425
192.1
3.091
57.9
0.084
62.3
0.635
-77.0
2800
0.415
185.7
2.915
53.9
0.090
63.7
0.643
-78.3
3000
0.413
179.5
2.752
49.3
0.097
63.9
0.662
-81.2


Número de pieza similar - MCH4014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Descripción similar - MCH4014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com