Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH4017 Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza MCH4017
Descripción Electrónicos  High-Frequency Low-Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4017 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  MCH4017 Datasheet HTML 1Page - Sanyo Semicon Device MCH4017 Datasheet HTML 2Page - Sanyo Semicon Device MCH4017 Datasheet HTML 3Page - Sanyo Semicon Device MCH4017 Datasheet HTML 4Page - Sanyo Semicon Device MCH4017 Datasheet HTML 5Page - Sanyo Semicon Device MCH4017 Datasheet HTML 6Page - Sanyo Semicon Device MCH4017 Datasheet HTML 7Page - Sanyo Semicon Device MCH4017 Datasheet HTML 8Page - Sanyo Semicon Device MCH4017 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MCH4017
No. A1912-8/9
S Parameters (Common emitter)
VCE=8V, IC=30mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.556
-65.2
43.179
145.8
0.011
67.8
0.846
-28.0
200
0.578
-106.8
32.894
123.0
0.017
57.9
0.669
-44.6
300
0.594
-129.7
24.775
109.1
0.021
56.2
0.584
-54.7
400
0.604
-142.8
19.256
100.3
0.024
57.0
0.512
-61.6
500
0.614
-148.7
15.997
94.4
0.028
59.0
0.488
-63.9
600
0.606
-155.8
13.266
89.8
0.031
60.8
0.443
-66.9
700
0.603
-161.6
11.285
86.1
0.034
62.5
0.409
-69.3
800
0.602
-166.5
9.802
82.9
0.037
64.2
0.382
-72.0
900
0.602
-170.7
8.672
80.0
0.041
65.4
0.366
-74.3
1000
0.600
-174.1
7.739
77.6
0.044
66.3
0.352
-76.7
1200
0.603
179.9
6.401
73.3
0.051
68.1
0.333
-80.3
1400
0.605
174.9
5.453
69.2
0.059
69.2
0.325
-83.7
1600
0.607
170.4
4.753
65.4
0.066
69.8
0.321
-87.0
1800
0.611
166.4
4.215
61.8
0.074
70.0
0.321
-90.2
2000
0.613
162.9
3.791
58.4
0.082
69.9
0.325
-93.4
2200
0.614
159.2
3.445
55.1
0.090
70.1
0.330
-96.5
2400
0.616
155.8
3.155
51.7
0.099
69.6
0.339
-99.4
2600
0.617
152.4
2.916
48.4
0.107
69.1
0.349
-102.4
2800
0.619
149.1
2.711
45.2
0.115
68.5
0.361
-105.3
3000
0.619
145.7
2.531
42.0
0.124
67.5
0.375
-108.2
VCE=8V, IC=50mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.477
-88.8
42.926
139.6
0.009
65.5
0.793
-30.4
200
0.554
-127.0
34.154
117.2
0.014
59.2
0.603
-45.1
300
0.589
-144.5
24.758
104.4
0.017
59.1
0.529
-53.1
400
0.606
-154.4
18.954
96.6
0.020
61.9
0.478
-58.7
500
0.613
-158.4
15.585
91.2
0.024
64.8
0.453
-60.2
600
0.611
-164.1
12.888
87.0
0.027
67.3
0.416
-62.6
700
0.611
-168.8
10.954
83.7
0.031
69.1
0.388
-64.8
800
0.613
-172.8
9.503
80.7
0.034
70.4
0.366
-67.2
900
0.616
-176.3
8.407
78.1
0.038
71.5
0.355
-69.5
1000
0.615
-179.2
7.494
75.7
0.042
72.3
0.343
-71.9
1200
0.619
175.7
6.192
71.6
0.049
73.7
0.329
-75.5
1400
0.623
171.2
5.272
67.7
0.057
74.1
0.324
-79.0
1600
0.626
167.2
4.586
64.0
0.065
74.5
0.323
-82.4
1800
0.631
163.5
4.071
60.4
0.073
74.4
0.325
-85.8
2000
0.633
160.2
3.658
57.0
0.081
74.0
0.331
-89.4
2200
0.634
156.7
3.322
53.7
0.090
73.7
0.337
-92.7
2400
0.637
153.5
3.041
50.3
0.099
73.0
0.347
-95.9
2600
0.638
150.3
2.809
47.0
0.107
72.2
0.358
-99.1
2800
0.641
147.0
2.611
43.8
0.116
71.3
0.371
-102.3
3000
0.640
143.7
2.435
40.7
0.125
70.4
0.386
-105.5


Número de pieza similar - MCH4017

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
More results

Descripción similar - MCH4017

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SC2369 NEC-2SC2369 Datasheet
35Kb / 1P
   High Frequency Low Noise Amplifier
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355_11 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Sanyo Semicon Device
MCH4016 SANYO-MCH4016 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3358 UTC-2SC3358_15 Datasheet
72Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
CPH6021 SANYO-CPH6021_12 Datasheet
572Kb / 12P
   High-Frequency Low-Noise Amplifier
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3356 UTC-2SC3356_09 Datasheet
197Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com