Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N136 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza 6N136
Descripción Electrónicos  HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

6N136 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  6N136 Datasheet HTML 1Page - Siemens Semiconductor Group 6N136 Datasheet HTML 2Page - Siemens Semiconductor Group 6N136 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
6N135/136
Figure 11. Delay times versus ambi-
ent temperature (IF=16 mA, VCC=5 V,
6N135: RL=4.1 kΩ, 6N136: RL=1.9 kΩ)
Figure 12. Current transfer ratio (nor-
malized) versus forward current
(IF=16 mA, VO=0.4 V, VCC=5 V,
TA=25°C)
Figure 8. Small signal transfer ratio ver-
sus forward current (VCC=5 V, TA=25°C)
Figure 9. Current transfer ratio (normal-
ized) versus ambient temperature (nor-
malized to IF=16 mA, VO=0.4 V, VCC=5 V,
TA=25°C)
Figure 10. Output current (high)versus
ambient temperature
(VO=VCC=5 V, IF=0)
Figure 5. Permissible forward current
of emitting diode versus ambient
temperature
Figure 6. Permissible total power dissi-
pation versus ambient temperature
Figure 7. Forward current of emitting
diodeversus forward voltage (TA=25°C)


Número de pieza similar - 6N136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Toshiba Semiconductor
6N136 TOSHIBA-6N136 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Vishay Siliconix
6N136 VISHAY-6N136 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
More results

Descripción similar - 6N136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
   HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
   5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
   5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
   5.3 kV TRIOS Optocoupler AC Voltage Input
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
   PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
   Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
Revision 17-August-01
logo
Siemens Semiconductor G...
SFH6345 SIEMENS-SFH6345 Datasheet
35Kb / 3P
   HIGH SPEED 5.3 kV OPTOCOUPLER
SFH636 SIEMENS-SFH636 Datasheet
38Kb / 3P
   HIGH SPEED 5.3 kV OPTOCOUPLER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com