Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA3109 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza SMA3109
Descripción Electrónicos  Wideband Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3109 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SMA3109 Datasheet HTML 1Page - Sanyo Semicon Device SMA3109 Datasheet HTML 2Page - Sanyo Semicon Device SMA3109 Datasheet HTML 3Page - Sanyo Semicon Device SMA3109 Datasheet HTML 4Page - Sanyo Semicon Device SMA3109 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMA3109
No. A1749-4/5
Freqency, f -- MHz
Input Level, Pin -- dBm
Freqency, f -- MHz
RLout -- f
ISL -- f
Pout -- Pin
Input Level, Pin -- dBm
Pout -- Pin
IT15586
--40
--30
--20
--10
0
--50
--5
0
5
10
15
--10
--15
--5
0
5
10
15
--10
--15
VCC=3.0V
f=1.0GHz
IT15584
0
--40
--10
--20
--30
--50
1000
2000
3000
4000
IT15585
0
1000
2000
3000
4000
IT15587
--40
--30
--20
--10
0
--50
VCC=3.0V
f=2.2GHz
3.0V
3.0V
3.3V
2.7V
2.7V
3.3V
--25
--30
--10
0
--15
--5
--20
S Parameter
S11
S22
50
25
10
--10
0
10
--25
--50
--100
--250
100
250
IT15588
IT15589
25
50
50
25
10
--10
0
10
--25
--50
--100
--250
100
250
25
50
3GHz
2GHz
1GHz
3GHz
2GHz
1GHz
250
100
100
250


Número de pieza similar - SMA3109

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMA3109 ONSEMI-SMA3109 Datasheet
381Kb / 5P
   MMIC
August, 2013
More results

Descripción similar - SMA3109

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com