Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAR63-02W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de Pieza. BAR63-02W
Descripción  Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

BAR63-02W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAR 63-02W
Semiconductor Group
Sep-07-1998
4
Diode capacitance
CT = f (VR)
f = 1MHz
0
5
10
15
20
V
30
VR
0.0
0.1
0.2
0.3
0.4
pF
0.6
Forward resistance
rf = f(IF)
f = 100MHz
10
-2
10
-1
10
0
10
1
10
2
10
3
mA
IF
-1
10
0
10
1
10
2
10
3
10
Ohm
Forward current
IF = f (VF)
TA = 25°C
0.0
0.1 0.2
0.3 0.4
0.5 0.6
0.7 0.8
V
1.0
VF
-2
10
-1
10
0
10
1
10
2
10
3
10
mA
Semiconductor Group
4
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BAR63-03WSilicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BAR63Silicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BAR63-WSilicon PIN Diode PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BB565Silicon Variable Capacitance Diode For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 4 Siemens Semiconductor Group
BB659Silicon Tuning Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BB659CSilicon Variable Capacitance Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB664Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB689Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB555Silicon Tuning Diode For UHF-TV-tuners High capacitance ratio Low series inductance 1 2 3 4 Siemens Semiconductor Group

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn