Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAR63-02W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

No. de Pieza. BAR63-02W
Descripción  Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

BAR63-02W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAR 63-02W
Semiconductor Group
Sep-07-1998
1
Silicon PIN Diode
• PIN diode for high speed switching
of RF signals
• Low forward resistance, small capacitance
small inductance
• Very low capacitance
• For frequencies up to 3 GHz
1
VES05991
2
Type
Marking Ordering Code
Pin Configuration
Package
BAR 63-02W
G
Q62702-A1211
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Value
Symbol
Unit
Diode reverse voltage
V
50
VR
Forward current
100
IF
mA
Total power dissipation,
TS = 115 °C
Ptot
mW
250
Junction temperature
Tj
°C
150
Operating temperature range
Top
-55 ...+150
°C
Storage temperature
Tstg
-55 ...+150
Thermal Resistance
Junction - ambient
1)
RthJA
≤ 220
K/W
Junction - soldering point
RthJS
≤ 140
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BAR63-03WSilicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BAR63Silicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BAR63-WSilicon PIN Diode PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BB565Silicon Variable Capacitance Diode For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 4 Siemens Semiconductor Group
BB659Silicon Tuning Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BB659CSilicon Variable Capacitance Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB664Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB689Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB555Silicon Tuning Diode For UHF-TV-tuners High capacitance ratio Low series inductance 1 2 3 4 Siemens Semiconductor Group

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn