Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAR63-02W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

No. de Pieza. BAR63-02W
Descripción  Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

BAR63-02W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR 63-02W
Semiconductor Group
Sep-07-1998
2
Electrical Characteristics at
TA = 25 =C, unless otherwise specified.
Parameter
Symbol
Unit
Values
min.
typ.
max.
DC characteristics
-
V(BR)
50
Breakdown voltage
I(BR) = 5 µA
-
V
Reverse current
VR = 35 V
µA
IR
-
10
-
Forward voltage
IF = 100 mA
VF
-
0.95
1.2
V
AC characteristics
Diode capacitance
VR = 0 V, f = 100 MHz
VR = 5 V, f = 1 MHz
CT
-
-
0.3
0.21
-
0.3
pF
Case capacitance
f = 1 MHz
CC
-
0.09
-
Forward resistance
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
1.2
1
2
-
Charge carrier life time
IF = 10 mA, IR = 6 mA, IR = 3 mA
τ
rr
-
75
-
µs
Series inductance
Ls
-
0.6
-
nH
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BAR63-03WSilicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BAR63Silicon PIN Diode PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BAR63-WSilicon PIN Diode PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz 1 2 3 4 Siemens Semiconductor Group
BB565Silicon Variable Capacitance Diode For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 4 Siemens Semiconductor Group
BB659Silicon Tuning Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BB659CSilicon Variable Capacitance Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB664Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB689Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB555Silicon Tuning Diode For UHF-TV-tuners High capacitance ratio Low series inductance 1 2 3 4 Siemens Semiconductor Group

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn