Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR63-05W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza BAR63-05W
Descripción Electrónicos  Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR63-05W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAR63-05W Datasheet HTML 1Page - Siemens Semiconductor Group BAR63-05W Datasheet HTML 2Page - Siemens Semiconductor Group BAR63-05W Datasheet HTML 3Page - Siemens Semiconductor Group BAR63-05W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAR 63 ... W
Semiconductor Group
Sep-07-1998
4
Diode capacitance
CT = f (VR)
f = 1MHz
V
EHD07139
R
T
C
0
0V
pF
0.1
0.2
0.3
0.4
0.5
10
20
30
Forward resistance
rf = f (IF)
f = 100MHz
Ι
EHD07138
F
f
r
10
-2
-1
10
mA
10
-1
10
0
10
1
10
2
10
2
10
0
10
1
Semiconductor Group
4
1998-11-01


Número de pieza similar - BAR63-05W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAR63-05W INFINEON-BAR63-05W Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-05W INFINEON-BAR63-05W Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
BAR63-05W INFINEON-BAR63-05W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
BAR63-05W INFINEON-BAR63-05W Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Descripción similar - BAR63-05W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-02W SIEMENS-BAR63-02W Datasheet
24Kb / 4P
   Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
   silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
   Low Resistance, Low Distortion, RF Switching PIN Diode
logo
NXP Semiconductors
BAP55LX NXP-BAP55LX_10 Datasheet
244Kb / 9P
   Silicon PIN diode High speed switching for RF signals
Rev. 2-16 December 2010
logo
Siemens Semiconductor G...
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com