Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLZ24 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza IRLZ24
Descripción Electrónicos  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLZ24 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRLZ24_11 Datasheet HTML 1Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 2Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 3Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 4Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 5Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 6Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 7Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 8Page - Vishay Siliconix IRLZ24_11 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91326
www.vishay.com
S11-0520-Rev. D, 21-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRLZ24, SiHLZ24
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Logic-Level Gate Drive
•RDS(on) Specified at VGS = 4 V and 5 V
• 175 °C Operating Temperature
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provides the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost
effectiveness.
The TO-220AB package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220AB contribute to its
wide acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 444 μH, Rg = 25  IAS = 17 A (see fig. 12).
c. ISD 17 A, dI/dt 140 A/μs, VDD VDS, TJ 175 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 5.0 V
0.10
Qg (Max.) (nC)
18
Qgs (nC)
4.5
Qgd (nC)
12
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220AB
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220AB
Lead (Pb)-free
IRLZ24PbF
SiHLZ24-E3
SnPb
IRLZ24
SiHLZ24
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5.0 V
TC = 25 °C
ID
17
A
TC = 100 °C
12
Pulsed Drain Currenta
IDM
68
Linear Derating Factor
0.40
W/°C
Single Pulse Avalanche Energyb
EAS
64.1
mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Número de pieza similar - IRLZ24_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRLZ24A ISC-IRLZ24A Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLZ24L VISHAY-IRLZ24L Datasheet
314Kb / 10P
   Power MOSFET
Rev. C, 30-May-11
IRLZ24L VISHAY-IRLZ24L Datasheet
245Kb / 11P
   Power MOSFET
08-Feb-17
IRLZ24L VISHAY-IRLZ24L Datasheet
431Kb / 14P
   Power MOSFET
01-Jan-2022
IRLZ24LPBF VISHAY-IRLZ24LPBF Datasheet
314Kb / 10P
   Power MOSFET
Rev. C, 30-May-11
More results

Descripción similar - IRLZ24_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com