Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LH1510AT Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza LH1510AT
Descripción Electrónicos  1 Form A Solid-State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1510AT Datasheet(HTML) 6 Page - Vishay Siliconix

  LH1510AT Datasheet HTML 1Page - Vishay Siliconix LH1510AT Datasheet HTML 2Page - Vishay Siliconix LH1510AT Datasheet HTML 3Page - Vishay Siliconix LH1510AT Datasheet HTML 4Page - Vishay Siliconix LH1510AT Datasheet HTML 5Page - Vishay Siliconix LH1510AT Datasheet HTML 6Page - Vishay Siliconix LH1510AT Datasheet HTML 7Page - Vishay Siliconix LH1510AT Datasheet HTML 8Page - Vishay Siliconix LH1510AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LH1510AAB, LH1510AABTR, LH1510AT
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Jul-11
6
Document Number: 83810
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 17 - Output Isolation
Fig. 18 - Switch Breakdown Voltage vs. Load Current
Fig. 19 - Switch Breakdown Voltage vs. Temperature
Fig. 20 - Switch Offset Voltage vs. Temperature
Fig. 21 - Switch Offset Voltage vs. LED Current
Fig. 22 - Turn-on Time vs. Temperature
ilh1510at_16
0
20
40
60
80
100
120
Frequency (Hz)
103
104
105
106
VP = 10 V
Ω
RL = 50
ilh1510at_17
0
10
20
30
40
50
100
150
200
250
300
Load Voltage (V)
T = - 40 °C
T = 25 °C
T = 85 °C
IF = 0 mA
IL < 51 µA
0
50
ilh1510at_18
- 9
- 6
- 3
0
3
6
9
- 40
Temperature (°C)
IF = 0 mA
IL < 51 µA
- 20
020
40
60
80
ilh1510at_19
20
40
Ambient Temperature (°C)
3.5
0
50
70
60
30
3.0
1.5
2.0
2.5
0.5
1.0
80
90
IF = 5.0 mA
ilh1510at_20
0
LED Forward Current (mA)
0.6
0
15
25
20
5
0.5
0.2
0.3
0.4
0.1
1
0
ilh1510at_21
Temperature (°C)
- 16
- 24
- 8
0
8
16
24
- 40
- 20
0
20
40
60
80
IF = 5 mA
IL = 50 mA


Número de pieza similar - LH1510AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LH1510AT VISHAY-LH1510AT Datasheet
180Kb / 10P
   1 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1510AT VISHAY-LH1510AT Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
LH1510AT VISHAY-LH1510AT Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1510AT VISHAY-LH1510AT Datasheet
197Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Descripción similar - LH1510AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com