Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT14-098 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza BAT14-098
Descripción Electrónicos  Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-098 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAT14-098 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-098 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14-098 Datasheet HTML 3Page - Siemens Semiconductor Group BAT14-098 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BAT 14-098
S11-Parameters
Typical impedance characteristics (with external bias I and Z0 =
Ω)
fI = 0.02 mA
GHz
MAG ANG
1
2
3
4
5
6
7
8
9
10
11
12
0.95
0.94
0.93
0.92
0.90
0.88
0.85
0.84
0.84
0.86
0.88
0.92
– 12.5
– 26.0
– 42.3
– 61.0
– 84.9
– 110.4
– 139.0
– 167.2
159.8
128.7
95.4
67.3
I = 0.05 mA
MAG ANG
0.87
0.87
0.85
0.82
0.79
0.76
0.72
0.73
0.71
0.75
0.79
0.86
– 12.7
– 26.3
– 43.0
– 62.2
– 86.8
– 113.6
– 143.2
– 172.1
153.9
122.9
90.3
63.9
I = 0.1 mA
MAG ANG
0.77
0.78
0.73
0.68
0.64
0.59
0.55
0.56
0.55
0.62
0.69
0.78
– 12.8
– 26.5
– 43.2
– 63.2
– 88.8
– 117.2
– 148.5
– 179.3
145.4
114.7
83.7
59.4
I = 0.2 mA
MAG ANG
0.58
0.58
0.53
0.44
0.38
0.31
0.28
0.32
0.37
0.46
0.57
0.69
– 12.5
– 25.7
– 42.4
– 62.1
– 91.6
– 125.3
– 165.1
157.8
121.1
93.6
69.0
49.7
I = 0.5 mA
MAG ANG
0.20
0.16
0.12
0.07
0.09
0.19
0.26
0.33
0.41
0.49
0.58
0.67
– 3.4
– 5.0
– 0.1
27.5
79.8
85.0
80.1
71.5
61.3
49.5
38.5
28.6
S11 = f (f, I)


Número de pieza similar - BAT14-098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT14-090D SIEMENS-BAT14-090D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-090S SIEMENS-BAT14-090S Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-093 SIEMENS-BAT14-093 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14-094 SIEMENS-BAT14-094 Datasheet
47Kb / 3P
   Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
BAT14-094 SIEMENS-BAT14-094 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Descripción similar - BAT14-098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT14-03W SIEMENS-BAT14-03W Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
logo
Infineon Technologies A...
BAT15-02EL INFINEON-BAT15-02EL Datasheet
1Mb / 16P
   Low barrier type for DBS mixer applications
logo
Siemens Semiconductor G...
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Advanced Semiconductor
D1504-8M ASI-D1504-8M Datasheet
19Kb / 1P
   SILICON SCHOTTKY BARRIER MIXER DIODE
logo
Tyco Electronics
MA4E1339SERIES MACOM-MA4E1339SERIES Datasheet
118Kb / 4P
   Silicon Medium Barrier Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com