Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT15-033 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza BAT15-033
Descripción Electrónicos  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT15-033 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAT15-033 Datasheet HTML 1Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 2Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 3Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 4Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 5Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 6Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 7Page - Siemens Semiconductor Group BAT15-033 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BAT 15
Semiconductor Group
3
Draft A03 1998-04-01
Electrical Characteristics
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Breakdown voltage
I
R = 10 mA
V
(BR)
3
--
V
Reverse current
V
R = 2 V
BAT15-013, -014, -033, -034
BAT15-043, -044, -063, -064
BAT15-073, -074, -093, -094
BAT15-103, -104, -113, -114
BAT15-123, -124
I
R
-
-
-
-
-
-
-
-
-
-
5
5
5
1
1
mA
Forward voltage 1
I
F1 = 0.01 mA
BAT15-013, -014, -033, -034
BAT15-043, -044, -063, -064
BAT15-073, -074, -093, -094
BAT15-103, -104, -113, -114
BAT15-123, -124
V
F1
-
-
-
-
-
-
-
-
-
-
0.15
0.17
0.18
0.19
0.20
V
Forward voltage 2
I
F2 = 1 mA
BAT15-013, -014, -033, -034
BAT15-043, -044, -063, -064
BAT15-073, -074, -093, -094
BAT15-103, -104, -113, -114
BAT15-123, -124
V
F2
-
-
-
-
-
0.23
0.27
0.29
0.30
0.31
0.28
0.30
0.31
0.32
0.33
V


Número de pieza similar - BAT15-033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
logo
Infineon Technologies A...
BAT15-03W INFINEON-BAT15-03W Datasheet
525Kb / 10P
   Silicon Schottky Diodes
Jan-30-2003
BAT15-03W INFINEON-BAT15-03W Datasheet
92Kb / 3P
   Silicon Schottky Diode
Oct-07-1999
logo
Guangdong Kexin Industr...
BAT15-03W KEXIN-BAT15-03W Datasheet
33Kb / 1P
   Silicon Schottky diode
logo
Infineon Technologies A...
BAT15-03W INFINEON-BAT15-03W Datasheet
970Kb / 16P
   Silicon Schottky Diodes
2010-03-05
More results

Descripción similar - BAT15-033

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com