Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1035X Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SI1035X
Descripción Electrónicos  Complementary N- and P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1035X Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI1035X_10 Datasheet HTML 2Page - Vishay Siliconix SI1035X_10 Datasheet HTML 3Page - Vishay Siliconix SI1035X_10 Datasheet HTML 4Page - Vishay Siliconix SI1035X_10 Datasheet HTML 5Page - Vishay Siliconix SI1035X_10 Datasheet HTML 6Page - Vishay Siliconix SI1035X_10 Datasheet HTML 7Page - Vishay Siliconix SI1035X_10 Datasheet HTML 8Page - Vishay Siliconix SI1035X_10 Datasheet HTML 9Page - Vishay Siliconix SI1035X_10 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 71426
S10-2544-Rev. C, 08-Nov-10
www.vishay.com
7
Vishay Siliconix
Si1035X
N- OR P-CHANNEL TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71426.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10 -3
10-2
0
0
6
0
1
1
10-1
10 -4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 500 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Número de pieza similar - SI1035X_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1035X-T1-E3 VISHAY-SI1035X-T1-E3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X-T1-GE3 VISHAY-SI1035X-T1-GE3 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI1035X_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1016CX VISHAY-SI1016CX Datasheet
200Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI1035X VISHAY-SI1035X_V01 Datasheet
160Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X Datasheet
53Kb / 7P
   Complementary N and P-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1016CX VISHAY-SI1016CX_V01 Datasheet
240Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_V01 Datasheet
159Kb / 10P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1016X VISHAY-SI1016X_08 Datasheet
107Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
S-80427-Rev. D, 03-Mar-08
SI1035X VISHAY-SI1035X_08 Datasheet
127Kb / 8P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1035X VISHAY-SI1035X Datasheet
53Kb / 7P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 12-Mar-01
logo
Vishay Telefunken
SI1016CX TFUNK-SI1016CX Datasheet
237Kb / 12P
   Complementary N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1016X-T1 VISHAY-SI1016X-T1 Datasheet
216Kb / 17P
   Complementary N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 03-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com