Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1551DL Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1551DL
Descripción Electrónicos  Complementary 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1551DL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1551DL_05 Datasheet HTML 1Page - Vishay Siliconix SI1551DL_05 Datasheet HTML 2Page - Vishay Siliconix SI1551DL_05 Datasheet HTML 3Page - Vishay Siliconix SI1551DL_05 Datasheet HTML 4Page - Vishay Siliconix SI1551DL_05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vishay Siliconix
SPICE Device Model Si1551DL
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
VDS = VGS, ID = 250 µA
N-Ch
1.1
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
P-Ch
1.1
V
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
1.1
On-State Drain Current
a
ID(on)
VDS ≤ −5 V, VGS = − 4.5 V
P-Ch
3.1
A
VGS = 4.5 V, ID = 0.29 A
N-Ch
1.64
1.55
VGS = −4.5 V, ID = − 0.41 A
P-Ch
0.85
0.85
VGS = 2.7 V, ID = 0.1 A
N-Ch
2.34
2.8
VGS = −2.7 V, ID = − 0.25 A
P-Ch
1.2
1.23
VGS = 2.5 V, ID = 0.1 A
N-Ch
2.6
3
Drain-Source On-State Resistance
a
rDS(on)
VGS = −2.5 V, ID = − 0.25 A
P-Ch
1.33
1.4
VDS = 10 V, ID = 0.29 A
N-Ch
0.33
0.30
Forward Transconductance
a
gfs
VDS = −10 V, ID = − 0.41 A
P-Ch
0.80
0.80
S
IS = 0.23 A, VGS = 0 V
N-Ch
0.67
0.80
Diode Forward Voltage
a
VSD
IS = −0.23 A, VGS = 0 V
P-Ch
−0.76
−0.80
V
Dynamic
b
N-Ch
0.55
0.72
Total Gate Charge
Qg
P-Ch
0.52
0.52
N-Ch
0.22
0.22
Gate-Source Charge
Qgs
P-Ch
0.11
0.11
N-Ch
0.13
0.13
Gate-Drain Charge
Qgd
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 0.29 A
P-Channel
VDS = −10 V, VGS = −4.5 V, ID = −0.41 A
P-Ch
0.14
0.14
nC
N-Ch
18
23
Turn-On Delay Time
td(on)
P-Ch
8.8
7.5
N-Ch
21
30
Rise Time
tr
P-Ch
11
20
N-Ch
21
10
Turn-Off Delay Time
td(off)
P-Ch
11
8.5
N-Ch
22
15
Fall Time
tf
N-Channel
VDD =10V, RL = 20 Ω
ID ≅ 0.50 A, VGEN = 4.5 V, RG = 6 Ω
P-Channel
VDD = −10 V, RL = 20 Ω
ID ≅ −0.50 A, VGEN = −4.5 V, RG = 6 Ω
P-Ch
12
12
IS = 0.23 A, di/dt = 100 A/µs
N-Ch
20
20
Source-Drain Reverse Recovery Time
trr
IS = −0.23 A, di/dt = 100 A/µs
P-Ch
25
25
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 71505
S-50232
Rev. B, 28-Feb-05


Número de pieza similar - SI1551DL_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
More results

Descripción similar - SI1551DL_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5515DC VISHAY-SI5515DC Datasheet
82Kb / 8P
   Complementary 20-V (D-S) MOSFET
Rev. B, 14-Jun-04
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com