Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2324DS Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI2324DS
Descripción Electrónicos  N-Channel 100 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2324DS Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2324DS Datasheet HTML 1Page - Vishay Siliconix SI2324DS Datasheet HTML 2Page - Vishay Siliconix SI2324DS Datasheet HTML 3Page - Vishay Siliconix SI2324DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63245
www.vishay.com
S11-1189-Rev. A, 27-Jun-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 100 V (D-S) MOSFET
SPICE Device Model Si2324DS
Vishay Siliconix
DESCRIPTION
The attached SPICE model describes the typical electrical
characteristics of the n-channel vertical DMOS. The
subcircuit model is extracted and optimized over the - 55 °C
to + 125 °C temperature ranges under the pulsed 0 V to
10 V gate drive. The saturated output impedance is best fit
at the gate bias near the threshold voltage. A novel
gate-to-drain feedback capacitance network is used to
model the gate charge characteristics while avoiding
convergence difficulties of the switched Cgd model. All
model parameter values are optimized to provide a best fit
to the measured electrical data and are not intended as an
exact physical interpretation of the device.
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
•Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the - 55 °C to + 125 °C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse
Recovery Characteristics
SUBCIRCUIT MODEL SCHEMATIC
Note
• This document is intended as a SPICE modeling guideline and does not constitute a commercial product datasheet. Designers should refer
to the appropriate datasheet of the same number for guaranteed specification limits.
D
S
DBD
CGS
M1
G
3
R1
M2
Gx
RG
CGD
Gy
ETCV
+


Número de pieza similar - SI2324DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
   N-Channel Enhancement MOSFET
logo
Vishay Siliconix
SI2324DS VISHAY-SI2324DS Datasheet
210Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2324DS-HF KEXIN-SI2324DS-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
SI2324DS-HF-3 KEXIN-SI2324DS-HF-3 Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI2324DS-T1-GE3 VBSEMI-SI2324DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Descripción similar - SI2324DS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com