Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3438DV Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI3438DV
Descripción Electrónicos  N-Channel 40-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3438DV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3438DV Datasheet HTML 1Page - Vishay Siliconix SI3438DV Datasheet HTML 2Page - Vishay Siliconix SI3438DV Datasheet HTML 3Page - Vishay Siliconix SI3438DV Datasheet HTML 4Page - Vishay Siliconix SI3438DV Datasheet HTML 5Page - Vishay Siliconix SI3438DV Datasheet HTML 6Page - Vishay Siliconix SI3438DV Datasheet HTML 7Page - Vishay Siliconix SI3438DV Datasheet HTML 8Page - Vishay Siliconix SI3438DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 68393
S09-0766-Rev. B, 04-May-09
www.vishay.com
3
Vishay Siliconix
Si3438DV
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru 5 V
VGS =3 V
VGS =4 V
0.020
0.028
0.036
0.044
0.052
0.060
0
6
12
18
24
30
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0.0
2.5
5.0
7.5
10.0
12.5
ID =5A
Qg - Total Gate Charge (nC)
VDS =30 V
VDS =20 V
VDS =10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
01
2
3
45
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
160
320
480
640
800
0
6
12
18
24
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =10 V
ID =5A
VGS =4.5 V


Número de pieza similar - SI3438DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3438DV VISHAY-SI3438DV Datasheet
141Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 05-May-08
logo
Vishay Telefunken
SI3438DV TFUNK-SI3438DV Datasheet
213Kb / 11P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI3438DV VISHAY-SI3438DV Datasheet
246Kb / 11P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI3438DV-T1-E3 VISHAY-SI3438DV-T1-E3 Datasheet
141Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 05-May-08
SI3438DV-T1-E3 VISHAY-SI3438DV-T1-E3 Datasheet
246Kb / 11P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI3438DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com