Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3588DV Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI3588DV
Descripción Electrónicos  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3588DV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3588DV Datasheet HTML 1Page - Vishay Siliconix SI3588DV Datasheet HTML 2Page - Vishay Siliconix SI3588DV Datasheet HTML 3Page - Vishay Siliconix SI3588DV Datasheet HTML 4Page - Vishay Siliconix SI3588DV Datasheet HTML 5Page - Vishay Siliconix SI3588DV Datasheet HTML 6Page - Vishay Siliconix SI3588DV Datasheet HTML 7Page - Vishay Siliconix SI3588DV Datasheet HTML 8Page - Vishay Siliconix SI3588DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si3588DV
Document Number: 71332
S09-2275-Rev. B, 02-Nov-09
www.vishay.com
1
N- and P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs: 1.8 V Rated
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
20
0.080 at VGS = 4.5 V
3.0
0.100 at VGS = 2.5 V
2.6
0.128 at VGS = 1.8 V
2.3
P-Channel
- 20
0.145 at VGS = - 4.5 V
- 2.2
0.200 at VGS = - 2.5 V
- 1.8
0.300 at VGS = - 1.8 V
- 1.5
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
Ordering Information: Si3588DV-T1-E3 (Lead (Pb)-free)
Si3588DV-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
3.0
2.5
- 2.2
- 0.57
A
TA = 70 °C
2.3
2.0
- 1.8
- 1.5
Pulsed Drain Current
IDM
± 8
Continuous Source Current (Diode Conduction)a
IS
1.05
0.75
- 1.05
- 0.75
Maximum Power Dissipationa
TA = 25 °C
PD
1.15
0.83
1.15
0.083
W
TA = 70 °C
0.73
0.53
0.73
0.53
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
93
110
°C/W
Steady State
130
150
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
90
90


Número de pieza similar - SI3588DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3588DV VISHAY-SI3588DV Datasheet
127Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3588DV-T1-GE3 VBSEMI-SI3588DV-T1-GE3 Datasheet
598Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV_V01 Datasheet
127Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI3588DV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com