Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4401DDY Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4401DDY
Descripción Electrónicos  P-Channel 40 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401DDY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4401DDY Datasheet HTML 1Page - Vishay Siliconix SI4401DDY Datasheet HTML 2Page - Vishay Siliconix SI4401DDY Datasheet HTML 3Page - Vishay Siliconix SI4401DDY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 66915
www.vishay.com
S10-1615-Rev. A, 19-Jul-10
3
SPICE Device Model Si4401DDY
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA TJ = 25 °C, unless otherwise noted
Note
Dots and squares represent measured data.
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
VGS = 3 V
VGS = 10 V, 7 V, 6 V, 5 V, 4 V
0
2
4
6
8
10
0
1
2
3
4
TJ = 125 °C
TJ = 25 °C
TJ = - 55 °C
0.000
0.006
0.012
0.018
0.024
0.030
0
1020304050
VGS = 10 V
VGS = 4.5 V
0
900
1800
2700
3600
4500
0
8
16
24
32
40
Ciss
Coss
Crss
0
2
4
6
8
10
014
28
42
56
70
ID = 10.2 A
VDS = 32 V
VDS = 20 V
0.1
1
10
100
0
0.3
0.6
0.9
1.2
TJ = 150 °C
TJ = 25 °C


Número de pieza similar - SI4401DDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN DOINGTER SEMIC...
SI4401DDY DOINGTER-SI4401DDY Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SI4401DDY-T1-GE3 VBSEMI-SI4401DDY-T1-GE3 Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Descripción similar - SI4401DDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com