Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4720CY Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4720CY
Descripción Electrónicos  Battery Disconnect Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4720CY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4720CY Datasheet HTML 1Page - Vishay Siliconix SI4720CY Datasheet HTML 2Page - Vishay Siliconix SI4720CY Datasheet HTML 3Page - Vishay Siliconix SI4720CY Datasheet HTML 4Page - Vishay Siliconix SI4720CY Datasheet HTML 5Page - Vishay Siliconix SI4720CY Datasheet HTML 6Page - Vishay Siliconix SI4720CY Datasheet HTML 7Page - Vishay Siliconix SI4720CY Datasheet HTML 8Page - Vishay Siliconix SI4720CY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 70664
S11-1185-Rev. C, 13-Jun-11
www.vishay.com
3
Vishay Siliconix
Si4720
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TIMING DIAGRAMS
Figure 1.
90 %
90 %
50 %
50 %
tON(IN)
tOFF(IN)
VIN
VD
0 V
10 V
SOURCE
DRAIN
5
10 %
10 %
tr
tf
PIN CONFIGURATION AND TRUTH
VIN1
VIN2
Switch 1
Switch 2
00
Off
Off
01
Off
On
1
0
On
Off
1
1
On
On
13
D2
S2
D2
S2
D2
G2(OUT)
GND2
IN2
IN1
G1(OUT)
S1
GND1
D1
D1
S1
D1
SO-16
14
15
16
2
3
4
1
10
11
12
5
6
7
9
8
Top View
Order Number: Si4720CY
PIN DESCRIPTION (Subject to Change)
Pin Number
Symbol
Description
1, 2, 3
D2
Drain connection for MOSFET-2.
4, 12
GND
Ground
5
IN1
Logic input, IN1. High level turns on the switch.
6
G1(OUT)
Gate output to MOSFET-1.
7, 8
S1
Source connection for MOSFET-1.
9, 10, 11
D1
Drain connection for MOSFET-1.
13
IN2
Logic input, IN2. High level turns on the switch.
14
G2(OUT)
Gate output to MOSFET-2.
15, 16
S2
Source connection for MOSFET-2.


Número de pieza similar - SI4720CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
   Battery Disconnect Switch
Rev. B, 21-Jul-97
More results

Descripción similar - SI4720CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
   Battery Disconnect Switch
Rev. C, 05-Apr-99
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
   Battery Disconnect Switch
Rev. B, 31-Aug-98
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
   Battery Disconnect Switch
08-Feb-17
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
   Battery Disconnect Switch
Rev. A, 20-Dec-98
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
   Battery Disconnect Switch
Rev. B, 21-Jul-97
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
   Battery Disconnect Switch
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
   36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
   24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com