Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFJ104501C Datasheet(PDF) 3 Page - Littelfuse

No. de pieza LFJ104501C
Descripción Electrónicos  LF Series fuseblock
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFJ104501C Datasheet(HTML) 3 Page - Littelfuse

  LFJ104501C Datasheet HTML 1Page - Littelfuse LFJ104501C Datasheet HTML 2Page - Littelfuse LFJ104501C Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© JUNE 2011 Littelfuse POWR-GARD Products
www.littelfuse.com
Solar-Rated Fuseblock Datasheet
3
Dimensions in mm (inches)
1000 V 450 A
298.45
[11.75]
110.58
[4.35]
101.60
[4.00]
123.83
[4.88]
174.63
[6.88]
25.40
[1.00]
76.20
[3.00]
15.88
[0.63]
7.1 THRU
14.2 x 11.2
∅0.28 THRU
0.56 x 0.44
[
]
LF SerIeS FuSebLoCk
1000 VDC


Número de pieza similar - LFJ104501C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LFJ104501C LITTELFUSE-LFJ104501C Datasheet
483Kb / 4P
   LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
LFJ104501CST LITTELFUSE-LFJ104501CST Datasheet
483Kb / 4P
   LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
More results

Descripción similar - LFJ104501C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
4164-A COOPER-4164-A Datasheet
89Kb / 1P
   FUSEBLOCK
logo
Littelfuse
155900 LITTELFUSE-155900 Datasheet
404Kb / 1P
   155900 Series OMNI-BLOK짰 Fuseblock
Revised: 11/02/21
logo
Bourns Electronic Solut...
4116R-LF BOURNS-4116R-LF Datasheet
63Kb / 1P
   4116R-LF Series
logo
Littelfuse
LFJ60030FBC LITTELFUSE-LFJ60030FBC Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
logo
SCHOTT CORPORATION
32189 SCHOTT-32189 Datasheet
15Kb / 1P
   LF TRANSFORMER
32763 SCHOTT-32763 Datasheet
13Kb / 1P
   LF TRANSFORMER
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF_11 Datasheet
77Kb / 2P
   SFS0792C-LF
V626ME03-LF ZCOMM-V626ME03-LF Datasheet
80Kb / 2P
   V626ME03-LF
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
   LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com