Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4866BDY-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4866BDY-T1-GE3
Descripción Electrónicos  N-Channel 12-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4866BDY-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4866BDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4866BDY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 70341
S09-0540-Rev. B, 06-Apr-09
www.vishay.com
3
Vishay Siliconix
Si4866BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
1 V
VDS - Drain-to-Source Voltage (V)
1.5 V
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0
1020304050
ID - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
VGS = 1.8 V
0.0
0.9
1.8
2.7
3.6
4.5
0
1122334455
ID = 10 A
Qg - Total Gate Charge (nC)
VDS = 4 V
VDS = 6 V
VDS = 8 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.3
0.6
0.9
1.2
1.5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
0
1400
2800
4200
5600
7000
0246
8
10
12
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
ID = 12 A
TJ - Junction Temperature (°C)
VGS = 1.8 V
VGS = 4.5 V


Número de pieza similar - SI4866BDY-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4866BD TFUNK-SI4866BD Datasheet
240Kb / 10P
   N-Channel 12-V (D-S) MOSFET
More results

Descripción similar - SI4866BDY-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com