Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4992EY Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI4992EY
Descripción Electrónicos  Dual N-Channel 75-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4992EY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4992EY_09 Datasheet HTML 1Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 2Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 3Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 4Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 5Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 6Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 7Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 8Page - Vishay Siliconix SI4992EY_09 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si4992EY
Document Number: 73082
S09-1341-Rev. C, 13-Jul-09
www.vishay.com
1
Dual N-Channel 75-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
175 °C Maximum Junction Temperature
High-Efficiency PWM Optimized
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
75
0.048 at VGS = 10 V
4.8
0.062 at VGS = 4.5 V
4.2
SO-8
S1
D1
G1
D1
S2
D2
G2
D2
5
6
7
8
Top View
2
3
4
1
Si4992EY-T1
-E3 (Lead (Pb)-free)
Si4992EY-T1
-GE3 (Lead (Pb)-free and Halogen-free)
Ordering Information:
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
N-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
75
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
a
TA = 25 °C
ID
4.8
3.6
A
TA = 85 °C
3.7
2.8
Continuous Source Currenta
IS
21.1
Pulsed Drain Current
IDM
20
Avalanche Current
L = 0.1 mH
IAS
8
Single Avalanche Energy (Duty Cycle
≤ 1 %)
EAS
3.2
mJ
Maximum Power Dissipationa
TA = 25 °C
PD
2.4
1.4
W
TA = 85 °C
1.4
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
50
62.5
°C/W
Steady State
85
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
31
37


Número de pieza similar - SI4992EY_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4992EY VISHAY-SI4992EY_V01 Datasheet
116Kb / 6P
   Dual N-Channel 75-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4992EY_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4992EY VISHAY-SI4992EY_V01 Datasheet
116Kb / 6P
   Dual N-Channel 75-V (D-S) MOSFET
01-Jan-2022
SI4992EY VISHAY-SI4992EY Datasheet
64Kb / 5P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 06-Sep-04
SIS902DN VISHAY-SIS902DN Datasheet
98Kb / 8P
   Dual N-Channel 75-V (D-S) MOSFET
Rev. A, 20-Apr-09
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com