Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5504BDC Datasheet(PDF) 9 Page - Vishay Siliconix

No. de pieza SI5504BDC
Descripción Electrónicos  N- and P-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504BDC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SI5504BDC_10 Datasheet HTML 4Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 5Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 6Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 7Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 8Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 9Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 10Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 11Page - Vishay Siliconix SI5504BDC_10 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 74483
S10-0547-Rev. B, 08-Mar-10
www.vishay.com
9
Vishay Siliconix
Si5504BDC
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
10
1
VSD
)
V
(
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
c
r
u
o
S
-
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.0
0.1
0.2
0.3
0.4
246
8
10
ID = 2.2 A
VGS - Gate-to-Source Voltage (V)
125 °C
25 °C
0.001
0
1
50
10
30
10
0.01
Time (s)
20
40
0.1
100
1000
0.0001
Safe Operating Area, Junction-to-Ambient
0.01
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
10
0.1
0.1
1
10
Limited by R
*
DS(on)
1
TA = 25 °C
Single Pulse
100 ms
1 s, 10 s
DC
100 µs
100
10 ms
0.01
1 ms
BVDSS
Limited


Número de pieza similar - SI5504BDC_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5504BDC-T1-E3 VISHAY-SI5504BDC-T1-E3 Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5504BDC VISHAY-SI5504BDC_V01 Datasheet
296Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI5504BDC_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com