Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7113DN Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI7113DN
Descripción Electrónicos  P-Channel 100-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7113DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7113DN Datasheet HTML 1Page - Vishay Siliconix SI7113DN Datasheet HTML 2Page - Vishay Siliconix SI7113DN Datasheet HTML 3Page - Vishay Siliconix SI7113DN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si7113DN
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
2.1
V
On-State Drain Current
a
ID(on)
VDS = −5 V, VGS = −10 V
46
A
VGS = −10 V, ID = −4 A
0.109
0.108
Drain-Source On-State Resistance
a
rDS(on)
VGS = −4.5 V, ID = −3 A
0.120
0.119
Forward Transconductance
a
gfs
VDS = −15 V, ID = −4 A
13
25
S
Diode Forward Voltage
a
VSD
IS = −3 A, VGS = 0 V
−0.83
−0.80
V
Dynamic
b
Input Capacitance
Ciss
1779
1480
Output Capacitance
Coss
85
80
Reverse Transfer Capacitance
Crss
VDS = −50 V, VGS = 0 V, f = 1 MHz
62
60
pF
VDS = −50 V, VGS = −4.5 V, ID = −4 A
30
35
Total Gate Charge
Qg
16.4
16.5
Gate-Source Charge
Qgs
4.7
4.7
Gate-Drain Charge
Qgd
VDS = −50 V, VGS = −10 V, ID = −4 A
8
8
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74171
S-61262
Rev. A, 24-Jul-06


Número de pieza similar - SI7113DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7113DN-T1-E3 VISHAY-SI7113DN-T1-E3 Datasheet
548Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 07-Jul-08
SI7113DN VISHAY-SI7113DN_V01 Datasheet
543Kb / 13P
   P-Channel 100-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7113DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com