Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7236DP-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI7236DP-T1-E3
Descripción Electrónicos  Dual N-Channel 20-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7236DP-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7236DP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7236DP-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 70359
S09-0222-Rev. B, 09-Feb-09
www.vishay.com
3
Vishay Siliconix
Si7236DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS = 5 V thru 2.5 V
1.5 V
2 V
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0
204060
80
ID - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
Qg - Total Gate Charge (nC)
ID = 20 A
0
2
4
6
8
10
020
40
60
80
VDS = 16 V
VDS = 10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
TC = 25 °C
TC = - 55 °C
TC = 125 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
1200
2400
3600
4800
0
5
10
15
20
Coss
Ciss
TJ - Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
4.5 V
ID = 20.7 A


Número de pieza similar - SI7236DP-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7236DP VISHAY-SI7236DP Datasheet
388Kb / 13P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
SI7236DP VISHAY-SI7236DP_V01 Datasheet
388Kb / 13P
   Dual N-Channel 20 V (D-S) MOSFET
08-Feb-17
More results

Descripción similar - SI7236DP-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com