Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8402DB Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza SI8402DB
Descripción Electrónicos  20-V N-Channel 1.8-V (G-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8402DB Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI8402DB_08 Datasheet HTML 2Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 3Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 4Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 5Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 6Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 7Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 8Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 9Page - Vishay Siliconix SI8402DB_08 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AN824
Vishay Siliconix
www.vishay.com
2
Document Number: 71990
06-Jan-03
TABLE 1
Main Parameters of Solder Bumps in MICRO FOOT Designs
MICRO FOOT CSP
Bump Material
Bump Pitch*
Bump Diameter*
Bump Height*
MICRO FOOT CSP MOSFET
Eutectic Solder:
0.8
0.37-0.41
0.26-0.29
MICRO FOOT CSP Analog Switch
Eutectic Solder:
63Sm/37Pb
0.5
0.18-0.25
0.14-0.19
MICRO FOOT UCSP Analog Switch
63Sm/37Pb
0.5
0.32-0.34
0.21-0.24
* All measurements in millimeters
MICRO FOOT’S DESIGN AND RELIABILITY
As a mechanical, electrical, and thermal connection between
the device and PCB, the solder bumps of MICRO FOOT
products are mounted on the top active surface of the die.
Table 1 shows the main parameters for solder bumps used in
MICRO FOOT products. A silicon nitride passivation layer is
applied to the active area as the last masking process in
fabrication,ensuring that the device passes the pressure pot
test. A green laser is used to mark the backside of the die
without damaging it. Reliability results for MICRO FOOT
products mounted on a FR-4 board without underfill are shown
in Table 2.
TABLE 2
MICRO FOOT Reliability Results
Test Condition C: −65_ to 150_C
>500 Cycles
Test condition B: −40_ to 125_C
>1000 Cycles
121_C @ 15PSI 100% Humidity Test
96 Hours
The main failure mechanism associated with wafer-level
chip-scale packaging is fatigue of the solder joint. The results
shown in Table 2 demonstrate that a high level of reliability can
be achieved with proper board design and assembly
techniques.
BOARD LAYOUT GUIDELINES
Board materials. Vishay Siliconix MICRO FOOT products are
designed to be reliable on most board types, including organic
boards such as FR-4 or polyamide boards. The package
qualification information is based on the test on 0.5-oz. FR-4
and polyamide boards with NSMD pad design.
Land patterns. Two types of land patterns are used for
surface-mount packages. Solder mask defined (SMD) pads
have a solder mask opening smaller than the metal pad
(Figure 3), whereas on-solder mask defined (NSMD) pads
have a metal pad smaller than the solder-mask opening
(Figure 4).
NSMD is recommended for copper etch processes, since it
provides a higher level of control compared to SMD etch
processes. A small-size NSMD pad definition provides more
area (both lateral and vertical) for soldering and more room for
escape routing on the PCB. By contrast, SMD pad definition
introduces a stress concentration point near the solder mask
on the PCB side that may result in solder joint cracking under
extreme fatigue conditions.
Copper pads should be finished with an organic solderability
preservative
(OSP)
coating.
For
electroplated
nickel-immersion gold finish pads, the gold thickness must be
less than 0.5 mm to avoid solder joint embrittlement.
FIGURE 3. SMD
FIGURE 4. NSMD
Copper
Solder Mask
Copper
Solder Mask


Número de pieza similar - SI8402DB_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
More results

Descripción similar - SI8402DB_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI8402DB VISHAY-SI8402DB_06 Datasheet
197Kb / 4P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI8402DB VISHAY-SI8402DB Datasheet
91Kb / 6P
   20-V N-Channel 1.8-V (G-S) MOSFET
Rev. A, 15-Dec-03
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com