Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8429DB Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI8429DB
Descripción Electrónicos  P-Channel 1.2V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8429DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8429DB Datasheet HTML 1Page - Vishay Siliconix SI8429DB Datasheet HTML 2Page - Vishay Siliconix SI8429DB Datasheet HTML 3Page - Vishay Siliconix SI8429DB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si8429DB
P-Channel 1.2V (G-S) MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 5-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 69660
S-80009
Rev. A, 21-Jan-08


Número de pieza similar - SI8429DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI8429DB VISHAY-SI8429DB Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
SI8429DB-T1-E1 VISHAY-SI8429DB-T1-E1 Datasheet
215Kb / 11P
   P-Channel 1.2 V (G-S) MOSFET
Rev.D, 19-Aug-13
SI8429DB VISHAY-SI8429DB_V01 Datasheet
240Kb / 10P
   P-Channel 1.2 V (G-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI8429DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XP202A0003MR TOREX-XP202A0003MR_12 Datasheet
144Kb / 5P
   P-channel 4V (G-S) MOSFET
XP202A0003PR TOREX-XP202A0003PR_12 Datasheet
162Kb / 5P
   P-channel 4V (G-S) MOSFET
XP202A0003PR-12 TOREX-XP202A0003PR-12 Datasheet
162Kb / 5P
   P-channel 4V (G-S) MOSFET
logo
Vishay Siliconix
SI3447DV VISHAY-SI3447DV Datasheet
246Kb / 3P
   P-Channel 1.8V (G-S) MOSFET
Rev. B, 21-Mar-05
logo
Torex Semiconductor
XP202A0003MR-12 TOREX-XP202A0003MR-12 Datasheet
144Kb / 5P
   P-channel 4V (G-S) MOSFET
logo
Vishay Siliconix
SI4465DY VISHAY-SI4465DY Datasheet
61Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI2331DS VISHAY-SI2331DS Datasheet
231Kb / 3P
   P-Channel 1.8-V (G-S) MOSFET
30-Apr-04
SI4403BDY VISHAY-SI4403BDY Datasheet
53Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6469DQ VISHAY-SI6469DQ Datasheet
53Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Feb-99
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com