Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8331 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza ADS8331
Descripción Electrónicos  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8331_10 Datasheet HTML 1Page - Texas Instruments ADS8331_10 Datasheet HTML 2Page - Texas Instruments ADS8331_10 Datasheet HTML 3Page - Texas Instruments ADS8331_10 Datasheet HTML 4Page - Texas Instruments ADS8331_10 Datasheet HTML 5Page - Texas Instruments ADS8331_10 Datasheet HTML 6Page - Texas Instruments ADS8331_10 Datasheet HTML 7Page - Texas Instruments ADS8331_10 Datasheet HTML 8Page - Texas Instruments ADS8331_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
SDI
SCLK
SDO
CDAC
SAR
Comparator
Output
Latch
and
3-State
Driver
Conversion
and
Control
Logic
_
+
FS/CS
CONVST
EOC/INT/CDI
RESET
REF+
M
U
X
ADCIN
MUXOUT
IN[0:3]
or
IN[0:7]
COM
REF-
ADS8331
ADS8332
www.ti.com
SBAS363B – DECEMBER 2009 – REVISED DECEMBER 2010
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input
ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Check for Samples: ADS8331, ADS8332
1
FEATURES
DESCRIPTION
234
Low-Power, Flexible Supply Range:
The
ADS8331
is
a
low-power,
16-bit,
500k
samples-per-second (SPS) analog-to-digital converter
2.7V to 5.5V Analog Supply
(ADC) with a unipolar, 4-to-1 multiplexer (mux) input.
8.7mW (250kSPS in Auto-Nap Mode,
The
device
includes
a
16-bit
capacitor-based
VA = 2.7V, VBD = 1.65V)
successive approximation register (SAR) ADC with
14.2mW (500kSPS, VA = 2.7V, VBD = 1.65V)
inherent sample and hold.
Up to 500kSPS Sampling Rate
The ADS8332 is based on the same core and
Excellent DC Performance:
includes a unipolar 8-to-1 input mux. Both devices
offer a high-speed, wide-voltage serial interface and
±1.2 LSB Typ, ±2 LSB Max INL at 2.7V
are capable of daisy-chain operation when multiple
±0.6 LSB Typ, –1.0/1.5 LSB Max DNL at 2.7V
converters are used.
16-Bit NMC Over Temperature
These converters are available in 24-pin, 4x4 QFN
Excellent AC Performance at 5V, fIN = 1kHz:
and 24-pin TSSOP packages and are fully specified
91.5dB SNR, 101dB SFDR, –100dB THD
for operation over the industrial –40°C to +85°C
temperature range.
Flexible Analog Input Arrangement:
On-Chip 4-/8-Channel Mux with Breakout
Low-Power, High-Speed, SAR Converter Family
Auto/Manual Channel Select and Trigger
RESOLUTION/TYPE
CHANNELS
500kSPS
1MHz
Other Hardware Features:
1
ADS8327
ADS8329
On-Chip Conversion Clock (CCLK)
2
ADS8328
ADS8330
16-Bit Pseudo-Diff
Software/Hardware Reset
4
ADS8331
8
ADS8332
Programmable Status/Polarity EOC/INT
1
ADS7279
Daisy-Chain Mode
2
ADS7280
Global CONVST (Independent of CS)
14-Bit Pseudo-Diff
4
ADS7231
Deep, Nap, and Auto-Nap Powerdown
8
ADS7232
Modes
1
ADS7229
SPI™/DSP Compatible Serial Interface
12-Bit Pseudo-Diff
2
ADS7230
Separate I/O Supply: 1.65V to VA
SCLK up to 40MHz (VA = VBD = 5V)
BLANKSPACE
24-Pin 4x4 QFN and 24-Pin TSSOP Packages
Functional Block Diagram
APPLICATIONS
Communications
Transducer Interfaces
Medical Instruments
Magnetometers
Industrial Process Control
Data Acquisition Systems
Automatic Test Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TMS320 is a trademark of Texas Instruments.
3
SPI is a trademark of Motorola, Inc..
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - ADS8331_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
More results

Descripción similar - ADS8331_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com